Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX3819 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX3819
Description  500 mA, Low-Noise LDO Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX3819 Datasheet HTML 1Page - Sipex Corporation SPX3819 Datasheet HTML 2Page - Sipex Corporation SPX3819 Datasheet HTML 3Page - Sipex Corporation SPX3819 Datasheet HTML 4Page - Sipex Corporation SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
Dropout Voltage vs Load Current
Output Voltage vs Load Current
Ground Current vs Temperature with 100
µA Load
Ground Current vs Temperature with 50mA Load
350
300
250
200
150
100
50
0
0
100
200
300
400
500
IL (mA)
3.3V Device
VIN= 3.2V
CL = 1.0µF
3.316
3.314
3.312
3.310
3.308
3.306
3.304
3.302
3.300
0
100
200
300
400
500
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0µF
130
120
110
100
90
80
70
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN= 4.3µF
CL= 1.0µF
IL = 100µA
360
340
320
300
280
260
240
220
200
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN = 4.3
CL= 1.0µF
IL = 50mA
TYPICAL PERFORMANCE CHARACTERISTICS: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com