Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX432AM5 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX432AM5
Description  Ultra 1.24V Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM5 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX432AM5 Datasheet HTML 1Page - Sipex Corporation SPX432AM5 Datasheet HTML 2Page - Sipex Corporation SPX432AM5 Datasheet HTML 3Page - Sipex Corporation SPX432AM5 Datasheet HTML 4Page - Sipex Corporation SPX432AM5 Datasheet HTML 5Page - Sipex Corporation SPX432AM5 Datasheet HTML 6Page - Sipex Corporation SPX432AM5 Datasheet HTML 7Page - Sipex Corporation SPX432AM5 Datasheet HTML 8Page - Sipex Corporation SPX432AM5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 11/21/00
TC in mV/°C =
∆V
REF (mV)
∆T
A
TC in %/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 100
TC in ppm/°C =
V
REF at 25°C
∆T
A
∆V
REF
) x 106
5000
∆Τ
-55
0.06 mV/°C
∆V
REF
0
0
0
-20
-10
0.5
Temperature (°C)
0.002 %/°C
24 ppm/°C
-25
0
25
50
75 100 125
I
K
I
REF
V
IN
V
KA = VREF
V
IN
V
KA
I
K
R
1
R
2
(V
REF)
Figure 1b. Test Circuit 2
Figure 1a. Test Circuit 1
V
IN
V
KA
I
K (OFF)
Figure 1c. Test Circuit 3
I
REF
SPX432
ELECTRICAL CHARACTERISTICS are guaranteed over the full junction temperature range (0°C to 105°C). Ambient
temperature must be derated based upon power dissipation and package thermal characteristics. Unless otherwise specified, test
conditions are: VKA = VREF and IK = 10mA.
Test
SPX432A
SPX432
Parameter
Symbol
Circuit
Test Condition
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
VREF
1
1
IK = 10mA,
TJ = 25
°C,
VK = VREF
1.2338
1.240
1.2462
1.2276
1.240
1.2524
V
Line Regulation
VREF
1
VKA = 1.25V to 15V
19
37
19
37
mV
Load Regulation
VREF
1
IK = 1 to 80mA
3
6
3
6
mV
Temperature Deviation
VREF
1
0 < TJ < 105
°C
2
6
2
6
mV
Reference Input Current
IREF
2
3
6
3
6
µA
Reference Input Current
Temperature Coefficient
I REF
2
0 < TJ < 105
°C
0.3
0.6
0.3
0.6
µA
Minimum Cathode
Current for Regulation
IK (MIN)
1
0.6
1
0.6
1
mA
Off State Leakage
IK (MIN)
3
VREF = 0V, VKA =
18V
0.04
500
0.04
500
nA
Calculating Average Temperature Coefficient (TC)
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com