Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX432AM5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX432AM5
Description  Ultra 1.24V Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AM5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX432AM5 Datasheet HTML 1Page - Sipex Corporation SPX432AM5 Datasheet HTML 2Page - Sipex Corporation SPX432AM5 Datasheet HTML 3Page - Sipex Corporation SPX432AM5 Datasheet HTML 4Page - Sipex Corporation SPX432AM5 Datasheet HTML 5Page - Sipex Corporation SPX432AM5 Datasheet HTML 6Page - Sipex Corporation SPX432AM5 Datasheet HTML 7Page - Sipex Corporation SPX432AM5 Datasheet HTML 8Page - Sipex Corporation SPX432AM5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 11/21/00
SPX432
PACKAGE DRAWING
SOIC-8 (S)
Pin 1
1.27 (0.50)
BSC
3.8 (0.150)
4.0 (0.158)
4.6 (0.181)
5.2 (0.205)
5.8 (0.228)
6.2 (0.244)
4.8 (0.188)
5.0 (0.197)
0.49 (0.019)
0.56 (0.022)
0.35 (0.014)
0.45 (0.018)
0.10 (0.004)
0.20 (0.008)
0.19 (0.007)
0.22 (0.009)
1.35 (0.053)
1.75 (0.069)
0.61 (0.024)
0.78 (0.031)
3
°-6°
0.64 (0.025)
0.77 (0.030)
45
°
7
°(4 PLCS)
7
°(4 PLCS)
0.37 (0.015)
BSC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com