Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4066BD Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4066BD
Description  Quad Bilateral Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4066BD Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4066BD Datasheet HTML 1Page - System Logic Semiconductor SL4066BD Datasheet HTML 2Page - System Logic Semiconductor SL4066BD Datasheet HTML 3Page - System Logic Semiconductor SL4066BD Datasheet HTML 4Page - System Logic Semiconductor SL4066BD Datasheet HTML 5Page - System Logic Semiconductor SL4066BD Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL4066B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Analog Input to
Analog Output (Figure 2)
5.0
10
15
40
20
15
40
20
15
80
40
30
ns
tPLZ, tPHZ,
tPZL, tPZH
Maximum Propagation Delay, ON/OFF Control
to Analog Output (Figure 3)
5.0
10
15
70
40
30
70
40
30
140
80
60
ns
C
Maximum Capacitance
ON/OFF Control Input
Control Input = GND
Analog I/O
Feedthrough
-
15
7.5
0.6
pF
ADDITIONAL APPLICATION CHARACTERISTICS(Voltages Referenced to GND Unless Noted)
VCC
Limit
*
Symbol
Parameter
Test Conditions
V
25
°C
Unit
THD
Total Harmonic
Distortion
VC = VCC , GND = -5 V
RL = 10 k
Ω, f
IS =1 kHz sine wave
5
0.4
%
BW
Maximum On-Channel
Bandwidth or
Minimum Frequency
Response
VC = VCC , GND = -5 V
RL = 1 k
Ω
5
40
MHz
BW
Maximum On-Channel
Bandwidth or
Minimum Frequency
Response
VC = GND , VIS = 5 V
RL = 1 k
Ω
10
1
MHz
BW
Maximum On-Channel
Bandwidth or
Minimum Frequency
Response
VC (A) = VCC = 5 V
VC (B) = GND = -5 V
VIS (A) = 5 VP - P ,50
Ω source
RL = 1 k
Ω
5
8
MHz
-
Cross talk (Control
Input to Signal
Output)
VC= 10 V
tr, tf = 20 ns
RL = 10 k
Ω
10
50
mV
-
Maximum Control
Input Repetition Rate
VIS= VCC, RL = 1 k
Ω
CL = 50 pF
VC= 10 V (square wave centered on 5 V)
tr, tf = 20 ns,
VOS= 1/2 VOS @1 kHz
5
10
15
6
9
9.5
MHz
* Guaranteed limits not tested. Determined by design and verified by qualification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com