Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4066BD Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4066BD
Description  Quad Bilateral Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4066BD Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4066BD Datasheet HTML 1Page - System Logic Semiconductor SL4066BD Datasheet HTML 2Page - System Logic Semiconductor SL4066BD Datasheet HTML 3Page - System Logic Semiconductor SL4066BD Datasheet HTML 4Page - System Logic Semiconductor SL4066BD Datasheet HTML 5Page - System Logic Semiconductor SL4066BD Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL4066B
System Logic
Semiconductor
SLS
Quad Bilateral Switch
High-Voltage Silicon-Gate CMOS
The SL4066B is a quad bilateral switch intended for the
transmission or multiplexing of analog or digital signals. In addition, the
on-state resistance is relatively constant over the full input-signal
range.
The SL4066B consists of four independent bilateral switches. A
single control signal is required per switch. Both the p and the n device
in a given switch are biased on or off simultaneously by the control
signal.(As show in Fig.1.)The well of the n-channel device on each
switch is either tied to the input when the switch is on or to GND when
the switch is off. This configuration eliminates the variation of the
switch-transistor threshold voltage with input signal, and thus keeps
the on-state resistance low over the full operating-signal range.
The advantages over single -channel switches include peak input-
signal voltage swings equal to the full supply voltage, and more
constant on-state impedance over the input-signal range.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4066BN Plastic
SL4066BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
On/Off Control
Input
State of
Analog Switch
L
Off
H
On
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND


Similar Part No. - SL4066BD

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4060BD SLS-SL4060BD Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4060BN SLS-SL4060BN Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
SL4069UB SLS-SL4069UB Datasheet
30Kb / 4P
Hex Inverter
SL4069UBD SLS-SL4069UBD Datasheet
30Kb / 4P
Hex Inverter
More results

Similar Description - SL4066BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
QUAD BILATERAL SWITCH
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com