Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7993 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7993
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7993 Datasheet HTML 12Page - Analog Devices AD7993 Datasheet HTML 13Page - Analog Devices AD7993 Datasheet HTML 14Page - Analog Devices AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7992
Rev. 0 | Page 16 of 28
INTERNAL REGISTER STRUCTURE
The AD7992 contains 11 internal registers (see Figure 24) that
are used to store conversion results, high and low conversion
limits, and information to configure and control the device.
There are ten data registers and one address pointer register.
CONVERSION
RESULT REGISTER
ALERT STATUS
REGISTER
CYCLE TIMER
REGISTER
HYSTERESIS
REGISTER CH1
HYSTERESIS
REGISTER CH2
CONFIGURATION
REGISTER
DATALOW
REGISTER CH1
DATALOW
REGISTER CH2
DATAHIGH
REGISTER CH2
DATAHIGH
REGISTER CH1
ADDRESS
POINTER
REGISTER
SERIAL BUS INTERFACE
SDA
SCL
D
A
T
A
Figure 24. AD7992 Register Structure
Each data register has an address that the address pointer
register points to when communicating with it. The conversion
result register is the only data register that is read-only.
ADDRESS POINTER REGISTER
Because it is the register to which the first data byte of every
write operation is written automatically, the address pointer
register does not have and does not require an address. The
address pointer register is an 8-bit register in which the 4 LSBs
are used as pointer bits to store an address that points to one of
the AD7992’s data registers. The 4 MSBs are used as command
bits when operating in Mode 2 (see the Modes of Operation
section). The first byte following each write address is the
address of one of the data registers, which is stored in the
address pointer register and selects the data register to which
subsequent data bytes are written. Only the 4 LSBs of this
register are used to select a data register. On power-up, the
address pointer register contains all 0s, pointing to the
conversion result register.
Table 7. Address Pointer Register
C4
C3
C2
C1
P3
P2
P1
P0
0
0
0
0
Register select
Table 8. AD7992 Register Addresses
P3
P2
P1
P0
Registers
0
0
0
0
Conversion result register (read)
0
0
0
1
Alert status register (read/write)
0
0
1
0
Configuration register (read/write)
0
0
1
1
Cycle Timer register (read/write)
0
1
0
0
DATALOW register CH1 (read/write)
0
1
0
1
DATAHIGH register CH1 (read/write)
0
1
1
0
Hysteresis register CH1 (read/write)
0
1
1
1
DATALOW register CH2 (read/write)
1
0
0
0
DATAHIGH register CH2 (read/write)
1
0
0
1
Hysteresis register CH2 (read/write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com