Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7993 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7993
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7993 Datasheet HTML 13Page - Analog Devices AD7993 Datasheet HTML 14Page - Analog Devices AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7992
Rev. 0 | Page 17 of 28
CONFIGURATION REGISTER
The configuration register is a 8-bit, read/write register that is used to set the operating modes of the AD7992. The MSB of the register is
unused and is a don’t care bit. The bit functions of the configuration register are outlined in Table 9. A single-byte write is necessary when
writing to the configuration register.
Table 9. Configuration Register Bit Function Descriptions and Default Settings at Power-Up
D7
D6
D5
D4
D3
D2
D1
D0
DONTC
Single/Dual
CH2
CH1
FLTR
ALERT EN
BUSY/ALERT
ALERT/BUSY POLARITY
0
0
0
0
1
0
0
0
Bit
Mnemonic
Comment
D7
DONTC
Don’t care bit.
D6
Single/Dual
The value written to this bit determines the functionality of the VIN2/REFIN pin and the reference source for the
conversions. When this bit is 1, the pin takes on its reference input function, REFIN, making the AD7992 a single-
channel part with the reference being taken from the REFIN pin. However, when only Channel 1 is selected for a
conversion, the reference can also be taken from the supply voltage by setting D6 to 0. When this bit is a 0, the
VIN2/REFIN pin becomes a second analog input pin, VIN2, making the AD7992 a dual-channel part with the
reference being taken from the supply voltage. See Table 10.
D5, D4
CH2, CH1
These two channel address bits select which analog input channel is to be converted. A 1 in any of Bits D5 or D4
selects a channel for conversion. If more than one channel bit is set (with D6 = 0), the alternating channel
sequence is used. Table 10 shows how these two channel address bits are decoded. If D5 is selected, the part
operates in dual-channel mode, with the reference for the ADC being taken from the supply voltage (D6 set to 0
for dual-channel mode).
D3
FLTR
The value written to this bit of the control register determines whether the filtering on SDA and SCL is enabled or
is bypassed. If this bit is a 1, the the filtering is enabled; if it is a 0, the filtering is bypassed.
D2
ALERT EN
The hardware ALERT function is enabled if this bit is set to 1 and disabled if this bit is set to 0. This bit is used in
conjunction with the BUSY/ALERT bit to determine if the ALERT/BUSY pin acts as an ALERT or a BUSY output
(see Table 11).
D1
BUSY/ALERT
This bit is used in conjunction with the ALERT EN bit to determine if the ALERT/BUSY pin acts as an ALERT or
BUSY output (see Table 11), and if configured as an ALERT output pin, if it is to be reset.
D0
BUSY/ALERT
POLARITY
This bit determines the active polarity of the ALERT/BUSY pin regardless of whether it is configured as an ALERT
or BUSY output. It is active low if this bit is set to 0 and active high if set to 1.
Table 10. Channel and Reference Selection
D6
Single/Dual
D5
CH2
D4
CH1
Analog Input Channel
0
0
0
No conversion
0
0
1
Convert on VIN1 (reference from VDD)
1
0
1
Convert on VIN1 (reference from REFIN)
0
1
0
Convert on VIN2 (reference from VDD)
0
1
1
Sequence between Channel 1 and Channel 2, beginning with Channel 1 (reference from VDD)
Table 11. ALERT/BUSY Function
D2
D1
ALERT/BUSY Pin Configuration
0
0
Pin does not provide any interrupt signal.
0
1
Pin configured as a BUSY output.
1
0
Pin configured as an ALERT output.
1
1
Resets the ALERT output pin, the Alert_Flag bit in the conversion result register, and the entire alert status
register (if any is active). If 1/1 is written to Bits D2/D1 in the configuration register to reset the ALERT pin, the
Alert_Flag bit, and the alert status register, the contents of the configuration register read 1/0 for D2/D1,
respectively, if read back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com