Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9518-3ABCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9518-3ABCPZ
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3ABCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9518-3ABCPZ Datasheet HTML 10Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 11Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 12Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 13Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 14Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 15Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 16Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 17Page - Analog Devices AD9518-3ABCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
AD9518-3
Data Sheet
Rev. B | Page 14 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
35
36
34
33
32
31
30
29
28
27
26
25
AD9518-3
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
CP
STATUS
CLK
VCP
REFMON
LD
BYPASS
VS
REF_SEL
LF
SYNC
CLK
OUT3
OUT2
VS
VS
VS_LVPECL
VS_LVPECL
OUT3
OUT2
NC
GND
VS
GND
NOTES
1. NC = NO CONNECT.
2. THE EXTERNAL PADDLE ON THE BOTTOM OF THE PACKAGE MUST BE
CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 4. Pin Configuration
Table 19. Pin Function Descriptions
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
1
I
3.3 V CMOS
REFMON
Reference Monitor (Output). This pin has multiple selectable outputs; see Table 44,
Register 0x01B.
2
O
3.3 V CMOS
LD
Lock Detect (Output). This pin has multiple selectable outputs; see Table 44,
Register 0x01A.
3
I
Power
VCP
Power Supply for Charge Pump (CP). VS ≤ VCP ≤ 5.0 V. This pin is usually 3.3 V for most
applications; but if a 5 V external VCXO is used, this pin should be 5 V.
4
O
CP
Charge Pump (Output). Connects to external loop filter.
5
O
3.3 V CMOS
STATUS
Status (Output). This pin has multiple selectable outputs; see Table 44, Register 0x017.
6
I
3.3 V CMOS
REF_SEL
Reference Select. Selects REF1 (low) or REF2 (high). This pin has an internal 30 kΩ
pull-down resistor.
7
I
3.3 V CMOS
SYNC
Manual Synchronizations and Manual Holdover. This pin initiates a manual
synchronization and is also used for manual holdover. Active low. This pin has an
internal 30 kΩ pull-up resistor.
8
I
Loop filter
LF
Loop Filter (Input). Connects to VCO control voltage node internally.
This pin has 31 pF of internal capacitance to ground, which may influence the loop
filter design for large loop bandwidths.
9
O
Loop filter
BYPASS
This pin is for bypassing the LDO to ground with a capacitor.
10, 24, 25,
26, 35, 37,
43, 45
I
Power
VS
3.3 V Power Pins.
Along with CLK, this is the self-biased differential input for the clock distribution section.
This pin can be left floating if internal VCO is used.
11
I
Differential
clock input
CLK
12
I
Differential
clock input
CLK
Along with CLK, this is the self-biased differential input for the clock distribution section.
This pin can be left floating if internal VCO is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com