Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-4BCPRL Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4360-4BCPRL
Description  Integrated Synthesizer and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-4BCPRL Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4360-4BCPRL Datasheet HTML 9Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 10Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 11Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 12Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 13Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 14Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 15Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 16Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADF4360-4
Rev. A | Page 13 of 24
Table 7. Control Latch
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
PC1
PC2
CR
M1
M2
PDP
CP
CPG
MTLD
PL1
PL2
CPI1
CPI2
CPI3
CP14
CPI5
CPI6
PD1
M3
CONTROL
BITS
MUXOUT
CONTROL
CURRENT
SETTING 2
CURRENT
SETTING 1
PRESCALER
VALUE
CORE
POWER
LEVEL
OUTPUT
POWER
LEVEL
DB21
DB22
DB23
PD2
P1
P2
CR
0
1
COUNTER
OPERATION
NORMAL
R, A, B COUNTERS
HELD IN RESET
PC2
0
0
10
CORE POWER LEVEL
5mA
10mA
15mA
PC1
0
1
11
20mA
CP
0
1
CHARGE PUMP
OUTPUT
NORMAL
THREE-STATE
PDP
0
1
PHASE DETECTOR
POLARITY
NEGATIVE
POSITIVE
CPG
0
1
CP GAIN
CURRENT SETTING 1
CURRENT SETTING 2
MTLD
0
1
MUTE-TILL-LOCK DETECT
DISABLED
ENABLED
M3
M2
M1
OUTPUT
THREE-STATE OUTPUT
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
DIGITAL LOCK DETECT
(ACTIVE HIGH)
N DIVIDER OUTPUT
DVDD
R DIVIDER OUTPUT
N-CHANNEL OPEN-DRAIN
LOCK DETECT
SERIAL DATA OUTPUT
DGND
P2
P1
PRESCALER VALUE
0
0
8/9
0
1
16/17
1
0
32/33
1
1
32/33
CE PIN
PD2
PD1
MODE
0
X
X
ASYNCHRONOUS POWER-DOWN
1
X
0
NORMAL OPERATION
1
0
1
ASYNCHRONOUS POWER-DOWN
1
1
1
SYNCHRONOUS POWER-DOWN
CPI6
CPI5
CPI4
ICP(mA)
CPI3
CPI2
CPI1
4.7k
Ω
0.31
0.62
0.93
1.25
1.56
1.87
2.18
2.50
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PL2
PL1
OUTPUT POWER LEVEL
CURRENT
POWER INTO 50
Ω (USING 50Ω TO V
CC)
–13dBm
–10dBm
–7dBm
0
0
1
0
1
0
3.5mA
5.0mA
7.5mA
–4dBm
1
1
11.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com