Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-4BCPRL Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4360-4BCPRL
Description  Integrated Synthesizer and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-4BCPRL Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4360-4BCPRL Datasheet HTML 16Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 17Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 18Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 19Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 20Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 21Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 22Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 23Page - Analog Devices ADF4360-4BCPRL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADF4360-4
Rev. A | Page 21 of 24
FIXED FREQUENCY LO
Figure 18 shows the ADF4360-4 used as a fixed frequency LO at
1.6 GHz. The low-pass filter was designed using ADIsimPLL for
a channel spacing of 8 MHz and an open-loop bandwidth of
40 kHz. The maximum PFD frequency of the ADF4360-4 is
8 MHz. Because using a larger PFD frequency allows users to
use a smaller N, the in-band phase noise is reduced to as low as
possible, –100 dBc/Hz. The 40 kHz bandwidth is chosen to be
just greater than the point at which the open-loop phase noise
of the VCO is –100 dBc/Hz, thus giving the best possible inte-
grated noise. The typical rms phase noise (100 Hz to 100 kHz)
of the LO in this configuration is 0.3°. The reference frequency
is from a 16 MHz TCXO from Fox; thus, an R value of 2 is pro-
grammed. Taking into account the high PFD frequency and its
effect on the band select logic, the band select clock divider is
enabled. In this case, a value of 8 is chosen. A very simple pull-
up resistor and dc blocking capacitor complete the RF output
stage.
ADF4360-4
VVCO
VVCO
FOX
801BE-160
16MHz
VVCO
CPGND
AGND
DGND RF
OUTB
RFOUTA
CP
1nF
4.7nF
22.0nF
51
Ω
51
Ω
51
Ω
100pF
100pF
1nF
1nF
10
µF
4.7k
Ω
430
Ω
RSET
CC
LE
DATA
CLK
REFIN
CN
VTUNE
DVDD AVDD CE MUXOUT
5
4
24
7
20
23
2
21
6
14
16
17
18
19
13
1
3
8
9
10
11
22
15
12
VVDD
LOCK
DETECT
Figure 18. Fixed Frequency LO
INTERFACING
The ADF4360 family has a simple SPI®-compatible serial inter-
face for writing to the device. CLK, DATA, and LE control the
data transfer. When LE goes high, the 24 bits that have been
clocked into the appropriate register on each rising edge of CLK
are transferred to the appropriate latch. See Figure 2 for the
timing diagram and Table 5 for the latch truth table.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible is 833 kHz or
one update every 1.2 µs. This is certainly more than adequate
for systems that have typical lock times in hundreds of micro-
seconds.
ADuC812 Interface
Figure 19 shows the interface between the ADF4360 family and
the ADuC812 MicroConverter®. Because the ADuC812 is based
on an 8051 core, this interface can be used with any 8051-based
microcontroller. The MicroConverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4360 family
needs a 24-bit word, which is accomplished by writing three
8-bit bytes from the MicroConverter to the device. When the
third byte is written, the LE input should be brought high to
complete the transfer.
ADuC812
ADF4360-x
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
I/O PORTS
Figure 19. ADuC812 to ADF4360-x Interface
I/O port lines on the ADuC812 are also used to control power-
down (CE input) and detect lock (MUXOUT configured as lock
detect and polled by the port input). When operating in the
described mode, the maximum SCLOCK rate of the ADuC812
is 4 MHz. This means that the maximum rate at which the out-
put frequency can be changed is 166 kHz.
ADSP-21xx Interface
Figure 20 shows the interface between the ADF4360 family and
the ADSP-21xx digital signal processor. The ADF4360 family
needs a 24-bit serial word for each latch write. The easiest way
to accomplish this using the ADSP-21xx family is to use the
autobuffered transmit mode of operation with alternate fram-
ing. This provides a means for transmitting an entire block of
serial data before an interrupt is generated.
ADSP-21xx
ADF4360-x
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
TFS
I/O PORTS
Figure 20. ADSP-21xx to ADF4360-x Interface
Set up the word length for 8 bits and use three memory loca-
tions for each 24-bit word. To program each 24-bit latch, store
the 8-bit bytes, enable the autobuffered mode, and write to the
transmit register of the DSP. This last operation initiates the
autobuffer transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com