Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-215F3V Datasheet(PDF) 21 Page - NEC

Part # VC-215F3V
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VC-215F3V Datasheet(HTML) 21 Page - NEC

Back Button VC-215F3V Datasheet HTML 17Page - NEC VC-215F3V Datasheet HTML 18Page - NEC VC-215F3V Datasheet HTML 19Page - NEC VC-215F3V Datasheet HTML 20Page - NEC VC-215F3V Datasheet HTML 21Page - NEC VC-215F3V Datasheet HTML 22Page - NEC VC-215F3V Datasheet HTML 23Page - NEC VC-215F3V Datasheet HTML 24Page - NEC VC-215F3V Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Noise Filters VOL.11
21
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
4-ø6
1
IN
2
3
4
OUT
5
6
NOISE FILTER
MADE IN JAPAN
D
C
B
A0.5
4-C2
M
N
*Recommended torque (N・m) max. ◆Line terminal (M5: 3.33, M6: 5.78)
◆Earth terminal (M5: 3.33, M6: 5.78)
1
2
3
E
4
5
6
Circuit Diagram
bCommon mode
P
Z 0
Z 0
P: Power divider
Z 0 : 50
Z 0
EMI/EMC
filter
Measuring Circuit
Shape and Dimensions
Model
A
B
C
D
E
F
G
H
I
J
K
L
M
N
LF-3200
150 180 219 247
90 100 110
32
17 45.5 47.5 60
M5
M5
LF-3300
150 180 219 247
90 100 110
32
17 45.5 47.5 60
M5
M5
LF-3400
150 180 237 264 129 139 149
46
24 58.5 63
75
M6
M6
LF-3500
150 180 237 264 129 139 149
46
14 48.5 53
60
M6
M6
LF-3600
300 330 387 414 180 200 220
46
55 89.5 94
115 M6
M6
LF Series
Compliance with CE Marking
(LF-3000 Series)
[RoHS Compliant]
LF Series
Compliance with CE Marking
(LF-3000 Series)
[RoHS Compliant]
LF-3200
250
20
2000
300
1.2
1.5
30
–25 to +55
TÜV
LF-3300
250
30
2000
300
1.2
1.5
30
–25 to +55
TÜV
LF-3400
250
40
2000
300
1.2
1.5
30
–25 to +55
TÜV
LF-3500
250
50
2000
300
1.2
1.5
30
–25 to +55
TÜV
LF-3600
250
60
2000
300
1.2
1.5
30
–25 to +55
TÜV
WithstandingInsulation resistance
Leakage
Voltage drop
Self-
Operating
Model
Rated voltage Rated current
voltage 1 min.,
500VDC 1 min.,
current
50Hz,
temperature
temperatureCertified
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
(V) max.
rise
range
standard
AC (V)
(M ) min.
(mA) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com