Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-215F3V Datasheet(PDF) 32 Page - NEC

Part # VC-215F3V
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VC-215F3V Datasheet(HTML) 32 Page - NEC

Back Button VC-215F3V Datasheet HTML 28Page - NEC VC-215F3V Datasheet HTML 29Page - NEC VC-215F3V Datasheet HTML 30Page - NEC VC-215F3V Datasheet HTML 31Page - NEC VC-215F3V Datasheet HTML 32Page - NEC VC-215F3V Datasheet HTML 33Page - NEC VC-215F3V Datasheet HTML 34Page - NEC VC-215F3V Datasheet HTML 35Page - NEC VC-215F3V Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Noise Filters VOL.11
32
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Normal mode
100
80
60
40
20
0
Common mode
0.01
0.1
1.0
10
30
Frequency (MHz)
bGT-21001V
Attenuation (Static Characteristics)
74.7
63.5
20.5
20.5
84
39
25
11
5-M4
2-4.8ø
E
*Recommended torque (N・m) max.
◆Line terminal (M4: 0.78) ◆Earth terminal (M4: 1.18)
Shape and Dimensions
P
Z 0
Z 0
P: Power divider
Z 0 : 50
Z 0 : 50
Z 0
Z 0
Z 0
EMI/EMC
filter
EMI/EMC
filter
bCommon mode
bNormal mode
Measuring Circuit
IN
bGT-V Series
E
Circuit Diagram
GT Series
For VCCI
[RoHS Compliant]
GT Series
For VCCI
[RoHS Compliant]
GT-20501V
250
5
1500
300
0.5
1
35
–20 to +55
220
GT-21001V
250
10
1500
300
0.5
1
35
–20 to +55 UL, CSA, TÜV 280
GT-22001V
250
20
1500
300
0.5
1
35
–20 to +55
285
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage drop
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
current
50Hz,
temperature
temperatureCertified
Weight
AC/DC
AC/DC
line to groundline to ground
250V/60Hz,
(V) max.
rise
range
standard
(kg)
(V)
(A)
AC (V)
(M ) min.
(mA) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com