Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-151LMF Datasheet(PDF) 88 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 88 Page - NEC

Back Button PI-151LMF Datasheet HTML 84Page - NEC PI-151LMF Datasheet HTML 85Page - NEC PI-151LMF Datasheet HTML 86Page - NEC PI-151LMF Datasheet HTML 87Page - NEC PI-151LMF Datasheet HTML 88Page - NEC PI-151LMF Datasheet HTML 89Page - NEC PI-151LMF Datasheet HTML 90Page - NEC PI-151LMF Datasheet HTML 91Page - NEC PI-151LMF Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
Power Inductors VOL.10
88
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBC7Series(SBC7-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
○
○
○
SBC7-6R8-612
SBC7-100-532
SBC7-150-482
SBC7-220-432
SBC7-330-342
SBC7-470-282
SBC7-680-222
SBC7-101-192
SBC7-151-172
SBC7-221-132
SBC7-331-941
SBC7-471-851
SBC7-681-701
SBC7-102-541
SBC7-152-481
SBC7-222-421
SBC7-332-361
SBC7-472-281
SBC7-682-211
SBC7-103-191
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
10000± 10%
0.02
0.02
0.03
0.03
0.05
0.06
0.09
0.12
0.16
0.25
0.45
0.55
0.81
1.20
1.58
2.18
3.51
4.83
7.00
10.30
6.10
5.30
4.80
4.30
3.40
2.80
2.20
1.90
1.70
1.30
0.94
0.85
0.70
0.54
0.48
0.42
0.36
0.28
0.21
0.19
8.50
7.20
6.70
6.00
4.70
3.90
3.00
2.60
2.30
1.80
1.30
1.10
0.98
0.75
0.67
0.58
0.50
0.39
0.29
0.26
13.90
11.80
9.60
7.80
6.20
5.20
4.50
3.60
2.90
2.40
2.00
1.60
1.40
1.10
0.93
0.77
0.63
0.53
0.44
0.36
○
○
○
○
○
○
○
●SBC6Series(SBC6-□□□-○○○)
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
○
SBC6-1R0-962
SBC6-1R5-942
SBC6-2R7-872
SBC6-3R3-852
SBC6-4R7-802
SBC6-6R8-662
SBC6-100-462
SBC6-150-382
SBC6-220-302
SBC6-330-272
SBC6-470-232
SBC6-680-222
SBC6-101-172
SBC6-151-122
SBC6-221-112
SBC6-331-871
SBC6-471-701
SBC6-681-631
SBC6-102-561
SBC6-152-451
SBC6-222-351
SBC6-332-281
SBC6-472-241
SBC6-682-181
SBC6-103-161
1.0± 20%
1.5± 20%
2.7± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
1500± 10%
2200± 10%
3300± 10%
4700± 10%
6800± 10%
10000± 10%
0.01
0.01
0.01
0.01
0.01
0.02
0.03
0.03
0.05
0.06
0.08
0.09
0.13
0.23
0.33
0.41
0.63
0.98
1.21
1.80
2.63
4.24
5.92
8.92
13.60
9.60
9.40
8.70
8.50
8.00
6.60
4.60
3.80
3.00
2.70
2.30
2.20
1.70
1.20
1.10
0.87
0.70
0.63
0.56
0.45
0.35
0.28
0.24
0.18
0.16
13.40
13.10
12.10
11.90
11.20
9.20
6.40
5.30
4.20
3.70
3.20
3.00
2.30
1.60
1.50
1.20
0.98
0.88
0.78
0.63
0.49
0.39
0.33
0.25
0.22
37.70
30.90
22.60
20.00
16.10
13.60
10.90
9.10
7.50
6.10
5.00
4.10
3.50
2.80
2.30
1.90
1.60
1.30
1.10
0.90
0.73
0.61
0.50
0.42
0.35
○
○
○
○
○
○
○
○
Package: Bulk 1,000pcs/box
Package: Soft lead・bulk 1,600pcs/box
      Pin lead・bulk 2,000pcs/box
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model
DC resistance
(Ω)
max.
Rated current
(A)
ΔT=20˚C
Inductance
L (μH)
at 10 kHz, 1mA
Current (Reference value)
(A)
ΔT=40˚C
L change rate–10%
Terminal
Soft lead
Pin lead
Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com