Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI-151LMF Datasheet(PDF) 100 Page - NEC

Part # PI-151LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-151LMF Datasheet(HTML) 100 Page - NEC

Back Button PI-151LMF Datasheet HTML 96Page - NEC PI-151LMF Datasheet HTML 97Page - NEC PI-151LMF Datasheet HTML 98Page - NEC PI-151LMF Datasheet HTML 99Page - NEC PI-151LMF Datasheet HTML 100Page - NEC PI-151LMF Datasheet HTML 101Page - NEC PI-151LMF Datasheet HTML 102Page - NEC PI-151LMF Datasheet HTML 103Page - NEC PI-151LMF Datasheet HTML 104Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Power Inductors VOL.10
100
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
24.30
16.82
18.20
14.36
11.86
10.30
8.07
6.94
5.63
4.58
3.76
3.10
2.70
2.20
1.84
1.48
1.24
1.01
0.80
0.69
0.57
0.48
0.38
0.31
7.40
5.11
6.00
5.07
4.69
4.20
3.90
3.73
3.30
2.74
2.45
2.15
1.85
1.51
1.35
1.10
0.93
0.82
0.67
0.54
0.46
0.38
0.29
0.24
5.20
4.35
4.10
3.60
3.35
3.00
2.80
2.70
2.40
1.90
1.70
1.50
1.30
1.05
0.95
0.80
0.67
0.59
0.47
0.38
0.33
0.27
0.22
0.17
20m
20m
20m
30m
30m
40m
50m
60m
70m
90m
0.11
0.14
0.20
0.31
0.38
0.54
0.90
1.16
1.52
2.36
3.42
4.97
7.17
10.86
●SBCP-14 HY Series (SBCP-14HY□□□B)
SBCP-14HY1R2B
1.2± 30%
SBCP-14HY2R2B
2.2± 30%
SBCP-14HY3R3B
3.3± 30%
SBCP-14HY4R7B
4.7± 20%
SBCP-14HY6R8B
6.8± 20%
SBCP-14HY100B
10± 20%
SBCP-14HY150B
15± 20%
SBCP-14HY220B
22± 20%
SBCP-14HY330B
33± 20%
SBCP-14HY470B
47± 10%
SBCP-14HY680B
68± 10%
SBCP-14HY101B
100± 10%
SBCP-14HY151B
150± 10%
SBCP-14HY221B
220± 10%
SBCP-14HY331B
330± 10%
SBCP-14HY471B
470± 10%
SBCP-14HY681B
680± 10%
SBCP-14HY102B
1000± 10%
SBCP-14HY152B
1500± 10%
SBCP-14HY222B
2200± 10%
SBCP-14HY332B
3300± 10%
SBCP-14HY472B
4700± 10%
SBCP-14HY682B
6800± 10%
SBCP-14HY103B
10000± 10%
Package: Bulk・1,500pcs/box
●Operating temperature range:−20 to +105℃(including the heat generation by the coil)
at 10 kHz, 1mA
(Ω)
(A)
(A)
(μH)
max.
ΔT=20℃
ΔT=40℃
SBCP-14HY Coils
SBCP-14HY Coils
[RoHS Compliant]
[RoHS Compliant]
Inductance
DC resistance
Rated current
Current (Reference value)
Model
L change rate–10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com