Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31MDREP
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26C31MDREP Datasheet HTML 3Page - Texas Instruments AM26C31MDREP Datasheet HTML 4Page - Texas Instruments AM26C31MDREP Datasheet HTML 5Page - Texas Instruments AM26C31MDREP Datasheet HTML 6Page - Texas Instruments AM26C31MDREP Datasheet HTML 7Page - Texas Instruments AM26C31MDREP Datasheet HTML 8Page - Texas Instruments AM26C31MDREP Datasheet HTML 9Page - Texas Instruments AM26C31MDREP Datasheet HTML 10Page - Texas Instruments AM26C31MDREP Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
Enable G Input
(see Note C)
Output WIth
0 V to A Input
VOL + 0.3 V
tPLZ
tPHZ
tPZH
tPZL
C3 =
40 pF
C2 =
40 pF
C1 =
40 pF
Input A
50
Ω
50
Ω
500
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
VOL
VOH
VOH − 0.3 V
1.5 V
See Note A
G
G
Enable G Input
Output
Output
Output WIth
3 V to A Input
Enable Inputs
(see Note B)
0 V
3 V
1.5 V
S1
1.3 V
1.3 V
2 V
0.8 V
AM26C31-EP
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS871 – NOVEMBER 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
C1, C2, and C3 include probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr <
6 ns, and tf < 6 ns.
C.
Each enable is tested separately.
Figure 4. Output Enable and Disable Time Waveforms and Test Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com