Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C31MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31MDREP
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31MDREP Datasheet(HTML) 1 Page - Texas Instruments

  AM26C31MDREP Datasheet HTML 1Page - Texas Instruments AM26C31MDREP Datasheet HTML 2Page - Texas Instruments AM26C31MDREP Datasheet HTML 3Page - Texas Instruments AM26C31MDREP Datasheet HTML 4Page - Texas Instruments AM26C31MDREP Datasheet HTML 5Page - Texas Instruments AM26C31MDREP Datasheet HTML 6Page - Texas Instruments AM26C31MDREP Datasheet HTML 7Page - Texas Instruments AM26C31MDREP Datasheet HTML 8Page - Texas Instruments AM26C31MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
AM26C31...DPACKAGE
DESCRIPTION/ORDERING INFORMATION
AM26C31-EP
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS871 – NOVEMBER 2007
www.ti.com
• High Output Impedance in Power-Off
Conditions
• Controlled Baseline
• Improved Replacement for AM26LS31
–
One Assembly
–
One Test Site
–
One Fabrication Site
• Extended Temperature Performance of –55°C
to 125
°C
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• Meets or Exceeds the Requirements of
TIA/EIA-422-B and ITU Recommendation V.11
• Low Power, I
CC = 100 µA Typ
• Operates From a Single 5 V Supply
• High Speed, t
PLH = tPHL = 7 ns Typ
• Low Pulse Distortion, t
sk(p) = 0.5 ns Typ
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The AM26C31 is a differential line driver with complementary outputs, designed to meet the requirements of
TIA/EIA -422-B and ITU (formerly CCITT). The 3-state outputs have high-current capability for driving balanced
lines, such as twisted-pair or parallel-wire transmission lines, and they provide the high-impedance state in the
power-off condition. The enable functions are common to all four drivers and offer the choice of an active-high
(G) or active-low (G) enable input. BiCMOS circuitry reduces power consumption without sacrificing speed.
The AM26C31 is characterized for operation over extended temperature range of –55
°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOIC – D
Reel of 2500
AM26C31MDREP
26C31EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - AM26C31MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31MDREP TI1-AM26C31MDREP Datasheet
184Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31MDREP TI2-AM26C31MDREP Datasheet
280Kb / 14P
QUADRUPLE DIFFERENTIAL LINE DRIVER
NOVEMBER 2007
AM26C31MDREP.A TI2-AM26C31MDREP.A Datasheet
280Kb / 14P
QUADRUPLE DIFFERENTIAL LINE DRIVER
NOVEMBER 2007
More results

Similar Description - AM26C31MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com