Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2188 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2188 Datasheet HTML 5Page - Linear Technology LTC2188 Datasheet HTML 6Page - Linear Technology LTC2188 Datasheet HTML 7Page - Linear Technology LTC2188 Datasheet HTML 8Page - Linear Technology LTC2188 Datasheet HTML 9Page - Linear Technology LTC2188 Datasheet HTML 10Page - Linear Technology LTC2188 Datasheet HTML 11Page - Linear Technology LTC2188 Datasheet HTML 12Page - Linear Technology LTC2188 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
2270f
LTC2270
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Non-Linearity (INL)
Differential Non-Linearity (DNL)
64k Point FFT, fIN = 1.4MHz,
–1dBFS, 20Msps
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.5
0.0
1.0
1.5
2.0
16384
32768
49152
65536
2270 G01
OUTPUT CODE
–1.0
–0.4
–0.2
–0.6
–0.8
0.0
0.4
0.2
0.6
0.8
1.0
2270 G02
0
16384
32768
49152
65536
FREQUENCY (MHz)
–100
–140
–120
–60
–80
–40
0
–20
2270 G03
0
2
6
410
8
64k Point FFT, fIN = 5.1MHz,
–1dBFS, 20Msps
64k Point FFT, fIN = 10.1MHz,
–1dBFS, 20Msps
64k Point FFT, fIN = 30.3MHz,
–1dBFS, 20Msps
64k Point FFT, fIN = 70.3MHz,
–1dBFS, 20Msps
64k Point 2-Tone FFT, fIN = 14.8,
15.2MHz, –7dBFS, 20Msps
FREQUENCY (MHz)
–100
–140
–120
–60
–80
–40
–20
0
2270 G04
024
6
810
FREQUENCY (MHz)
–100
–140
–120
–60
–80
–40
–20
0
2270 G05
0
2
8
6
410
FREQUENCY (MHz)
–100
–120
–140
–60
–80
–40
–20
0
2270 G06
0
2
6
410
8
FREQUENCY (MHz)
0
–120
–140
–80
–100
–60
0
–20
–40
2468
10
2270 G08
OUTPUT CODE
10000
5000
0
40000
35000
30000
25000
20000
15000
2270 G09
Shorted Input Histogram
FREQUENCY (MHz)
0
–100
–120
–140
–60
–80
–40
–20
0
2
6
410
8
2270 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com