Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2188 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2188
Description  16-Bit, 20Msps Low Noise Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2188 Datasheet(HTML) 1 Page - Linear Technology

  LTC2188 Datasheet HTML 1Page - Linear Technology LTC2188 Datasheet HTML 2Page - Linear Technology LTC2188 Datasheet HTML 3Page - Linear Technology LTC2188 Datasheet HTML 4Page - Linear Technology LTC2188 Datasheet HTML 5Page - Linear Technology LTC2188 Datasheet HTML 6Page - Linear Technology LTC2188 Datasheet HTML 7Page - Linear Technology LTC2188 Datasheet HTML 8Page - Linear Technology LTC2188 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
2270f
LTC2270
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16-Bit, 20Msps
Low Noise Dual ADC
n Low Power Instrumentation
n Software Defined Radios
n Portable Medical Imaging
n Multi-Channel Data Acquisition
n Two-Channel Simultaneously Sampling ADC
n 84.1dB SNR (46μVRMS Input Referred Noise)
n 99dB SFDR
n ±2.3LSB INL(Max)
n Low Power: 160mW Total, 80mW per Channel
n Single 1.8V Supply
n CMOS, DDR CMOS, or DDR LVDS Outputs
n Selectable Input Ranges: 1VP-P to 2.1VP-P
n 200MHz Full Power Bandwidth S/H
n Shutdown and Nap Modes
n Serial SPI Port for Configuration
n Pin Compatible with
LTC2180: 16-Bit, 25Msps, 78mW
LTC2140-14: 14-Bit, 25Msps, 50mW
n 64-Lead (9mm × 9mm) QFN Package
The LTC
®2270 is a two-channel simultaneous sampling
16-bit A/D converter designed for digitizing high frequency,
wide dynamic range signals. It is perfect for demanding
applications with AC performance that includes 84.1dB
SNR and 99dB spurious free dynamic range (SFDR).
DC specs include ±1LSB INL (typ), ±0.2LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 1.44LSBRMS.
The digital outputs can be either full rate CMOS, Double
Data Rate CMOS, or Double Data Rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENC– inputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL, or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Integral Non-Linearity (INL)
CMOS,
DDR CMOS
OR DDR LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
CLOCK
CONTROL
D1_15
D1_0
2270 TA01
CH 1
ANALOG
INPUT
OUTPUT
DRIVERS
GND
OGND
S/H
16-BIT
ADC CORE
CH 2
ANALOG
INPUT
S/H
16-BIT
ADC CORE
D2_15
D2_0
20MHz
CLOCK
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.5
0.0
1.0
1.5
2.0
16384
32768
49152
65536
2270 TA02


Similar Part No. - LTC2188

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
More results

Similar Description - LTC2188

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com