Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1282IPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPW
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 19Page - Texas Instruments DAC1282IPW Datasheet HTML 20Page - Texas Instruments DAC1282IPW Datasheet HTML 21Page - Texas Instruments DAC1282IPW Datasheet HTML 22Page - Texas Instruments DAC1282IPW Datasheet HTML 23Page - Texas Instruments DAC1282IPW Datasheet HTML 24Page - Texas Instruments DAC1282IPW Datasheet HTML 25Page - Texas Instruments DAC1282IPW Datasheet HTML 26Page - Texas Instruments DAC1282IPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
t
SW/TD
t
TCSU
SW/TD
Sample
Next SW/TD
Sample
t
CTHD
t
SCSU
t
STDAT
t
TSOP
(Initial Output Update)
CLK
1
2
8
SW/TD
SYNC
Output
t
SYLW
(Output Reset)
9
12
24
400
(Output Settled)
t
SETL
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
SYNC
SYNC is a digital input used to synchronize the DAC1282 output.
In the digital data mode, the DAC input is a ones-density bitstream. In this mode, the SYNC pin synchronizes the
sampling of SW/TD digital data to the desired master clock cycle (CLK). When SYNC is low or high, the DAC
operates normally. When SYNC is taken from low to high, the DAC output is reset to zero and the sample instant
of SW/TD is reset to the eighth rising CLK edge that follows. The SW/TD is then regularly sampled on
subsequent 16 CLK intervals. After synchronization, the DAC output is not settled and achieves full settling 400
CLK periods later, as shown in Figure 39.
Figure 39. Digital Data Mode Synchronization
Table 10. Timing Characteristics for Figure 39(1)
SYMBOL
DESCRIPTION
MIN
TYP
UNIT
tSCSU
SYNC high to CLK high setup time
30
ns
tTCSU
SW/TD to CLK high setup time
30
ns
tCTHD
CLK high to SW/TD hold time
10
ns
tSYLW
SYNC low pulse width
2
tCLK
tSTDAT
CLK high after SYNC high to SW/TD sample time
8
tCLK
tTSOP
SW/TD sample to output update
4
tCLK
tSW/TD
SW/TD period
16
tCLK
tSETL
SYNC high to fully-settled output
400
tCLK
(1)
DVDD = 1.65 V to 3.6 V.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com