Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687MPZPEP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 60 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 56Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 57Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 58Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 59Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 60Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 61Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 62Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 63Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
www.ti.com
(a) Complex Output in X4 and X4L Modes
(b) Real Output in X4 and X4L Modes
fSIG/fDAC
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
G028
fSIG − fDAC*3/4
fSIG − fDAC/2
fSIG − fDAC/4
fSIG + fDAC/4
fSIG
fSIG/fDAC
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
G029
fSIG + fDAC/4
fSIG − fDAC*3/4
fSIG − fDAC/4
fSIG
fSIG − fDAC/2
(a) Complex Output in X8 Mode
(b) Real Output in X8 Mode
fSIG/fDAC
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
G030
fSIG + fDAC/4
fSIG − fDAC*3/4
fSIG − fDAC/4
fSIG − fDAC/2
fSIG − fDAC*7/8
fSIG
fSIG − fDAC/8
fSIG + fDAC/8
fSIG/fDAC
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
G031
fSIG − fDAC/4
fSIG − fDAC*7/8
fSIG − fDAC/2
fSIG + fDAC/4
fSIG + fDAC/8
fSIG
fSIG − fDAC/8
fSIG − fDAC*3/4
Amplitude of the Spurious Signals
DAC5687-EP
SGLS333 – JUNE 2006
Figure 69. Frequency of Clock Mixing Spurious Images in X4 and X4L Modes
Figure 70 shows the location of spurious signals for X8 mode as a function of fSIG/fDAC. The addition of the fDAC/8
clock frequency for the first interpolation filter creates four new spurious signals. For a complex output, the
nearest spurious signals are fDAC/8 offset from fSIG. For a real output, the optimum real output frequencies fSIG =
fDAC × N/16 (N = 3 and 5), where the minimum spurious product offset from fSIG is fDAC/8.
Figure 70. Frequency of Clock Mixing Spurious Images in X4 and X4L Modes
The spurious signal amplitude is sensitive to factors such as temperature, voltage, and process. Typical worst
case estimates to account for the variation over these factors are provided below as design guidelines.
60
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com