Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687MPZPEP Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687MPZPEP
Description  16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5687MPZPEP Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC5687MPZPEP Datasheet HTML 61Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 62Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 63Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 64Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 65Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 66Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 67Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 68Page - Texas Instruments DAC5687MPZPEP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
www.ti.com
B0040-01
y2
NCO
DAC
I
Q
RF
Processing
TRF3750
GC4116
GC5016
GC5316
DUC
DUC
DAC5687
CDC7005
y2
y2
y2
DAC5687-EP
SGLS333 – JUNE 2006
Figure 74. System Diagram of a Real IF System Using the DAC5687
With the DAC5687 in external clock mode, a low phase noise clock for the DAC5687 at the DAC sample rate
would be generated by a VCXO and PLL such as Texas Instruments CDC7005, which can also provide other
system clocks at the VCXO frequency divided by 2–n (n = 0 to 4). In this mode, the DAC5687 PLLLOCK pin
output would typically be used to clock the digital upconverter. With the DAC in PLL clock mode, the same input
rate clock would be used for the DAC clock and digital upconverter and the DAC internal PLL/VCO would
generate the DAC sample rate clock. Note that the internal PLL/VCO phase noise may degrade the quality of
the DAC output signal, and will also have higher non-harmonic clock-related spurious signals (see the
Non-Harmonic Clock Related Spurious Signals section).
Either DACA or DACB outputs can be used (with the other DAC put into sleep mode) and would typically be
terminated with a transformer (see the Analog Current Output section). An IF filter, either LC or SAW, is used to
suppress the DAC Nyquist zone images and other spurious signals before being mixed to RF with a mixer.
An alternative architecture uses the DAC5687 in a dual-channel mode to create a dual-channel system with real
IF input and output. This would be used for narrower signal bandwidth and at the expense of less output
frequency placement flexibility (see Figure 75). Frequency upconversion can be accomplished by using the
high-pass filter and CMIX fDAC/2 mixing features.
65
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com