Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPR100 Datasheet(PDF) 7 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPR100 Datasheet HTML 3Page - Texas Instruments DLPR100 Datasheet HTML 4Page - Texas Instruments DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments DLPR100 Datasheet HTML 10Page - Texas Instruments DLPR100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CS
CLK
Instruction(03h)
24-bit address
High impedance
Data Out 1
Data Out 1
DO
DIO
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
7
6
5
4
3
2
1
0
7
DLPR100
www.ti.com
DLPS020 – DECEMBER 2009
Figure 2. Read Data Instruction Sequence Diagram
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
–0.6
4.0
V
VIO
Voltage applied to any pin
Relative to ground
–0.6
VCC + 0.4
V
VIOT
Transient voltage on any pin
<20 ns transient relative to ground
–2.0
VCC + 2.0
V
Tstg
Storage temperature
–65
150
°C
TLEAD
Lead temperature
See (2)
°C
VESD
Electrostatic discharge voltage
Human Body Model(3)
–2000
2000
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Compliant with JEDEC standards J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on
restrictions on hazardous substance (RoHS) 2002/95/EU.
(3)
JEDEC Std JESD22-A114A (C1 = 100 pF, R1 = 1500
Ω, R2 = 500 Ω).
RECOMMENDED OPERATING CONDITIONS
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Fr = 50MHz, fR = 33 MHz
2.3
3.6
VCC
Supply voltage
V
Fr = 75 MHz, fR = 33 MHz
2.7
3.6
TA
Ambient operating temperature
Industrial
–40
85
°C
POWER-UP TIMING AND WRITE INHIBIT THRESHOLD
(1)
PARAMETER
MIN
MAX
UNIT
tVSL
VCC(min) to CS low
10
µs
tPUW
Time delay before write instruction
1
10
ms
VWI
Write inhibit threshold voltage
1
2
V
(1)
Parameters are characterized only
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DLPR100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com