Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPR100 Datasheet(PDF) 8 Page - Texas Instruments

Part # DLPR100
Description  DLP짰 Configuration PROM for DLPC100
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPR100 Datasheet HTML 4Page - Texas Instruments DLPR100 Datasheet HTML 5Page - Texas Instruments DLPR100 Datasheet HTML 6Page - Texas Instruments DLPR100 Datasheet HTML 7Page - Texas Instruments DLPR100 Datasheet HTML 8Page - Texas Instruments DLPR100 Datasheet HTML 9Page - Texas Instruments DLPR100 Datasheet HTML 10Page - Texas Instruments DLPR100 Datasheet HTML 11Page - Texas Instruments DLPR100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
tVSL
read instruction allowed
reset
state
Device fully accessible
CS must track VCC
Program, erase, and write functions ignored
VCC(max)
VCC(min)
VWI
VCC
time
tPUW
DLPR100
DLPS020 – DECEMBER 2009
www.ti.com
Figure 3. Power-Up Timing and Voltage Levels
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input capacitance(1)
VIN = 0 V
6
pF
Cout
Output capacitance(1)
VOUT = 0 V
8
pF
ILI
Input leakage
±2
µA
ILO
I/O leakage
±2
µA
ICC1
Standby current
CS = VCC, VIN = GND or VCC
25
50
µA
ICC2
Power-down current
CS = VCC, VIN = GND or VCC
<1
10
µA
ICC3
Current read data/dual output
C = 0.1 VCC/0.9 VCC DO =
1 MHz
5/6
7/8
mA
read(2)
open
33 MHz
7/8
11/12
mA
50 MHz
9/10
13/15
mA
75 MHz
11/12
16/18
mA
ICC4
Current page program
CS = VCC
20
25
mA
ICC5
Current Write Status Register
CS = VCC
10
18
mA
ICC6
Current sector/block erase
CS = VCC
20
25
mA
ICC7
Current chip erase
CS = VCC
20
25
mA
VIL
Low-level input voltage
–0.5
VCC x 0.3
V
VIH
High-level input voltage
VCC x 0.7
VCC + 0.4
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VOH
High-level output voltage
IOH = –100 µA
VCC - 0.7
V
(1)
Tested on sample basis and specified through design and characterization data TA= 25°C, VCC = 3.0 V
(2)
Checker board pattern
AC ELECTRICAL CHARACTERISTICS
VCC = 2.3 V to 3.6 V unless otherwise specified
SYMBOL
ALT
DESCRIPTION
MIN
TYP
MAX
UNIT
FR
fC
Clock frequency for all instructions, except read data(03h) 2.3–3.6
50
MHz
V VCC
FR
fC
Clock frequency for all instructions, except read data(03h) 2.7–3.6
75
MHz
V VCC
fR
Clock frequency read data(03h)
33
MHz
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DLPR100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com