Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2134MDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA2134MDREP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2134MDREP Datasheet(HTML) 4 Page - Texas Instruments

  INA2134MDREP Datasheet HTML 1Page - Texas Instruments INA2134MDREP Datasheet HTML 2Page - Texas Instruments INA2134MDREP Datasheet HTML 3Page - Texas Instruments INA2134MDREP Datasheet HTML 4Page - Texas Instruments INA2134MDREP Datasheet HTML 5Page - Texas Instruments INA2134MDREP Datasheet HTML 6Page - Texas Instruments INA2134MDREP Datasheet HTML 7Page - Texas Instruments INA2134MDREP Datasheet HTML 8Page - Texas Instruments INA2134MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1000
10000
100000
1000000
125
130
135
140
145
150
Continuous TJ (°C)
Electromigration Fail Mode
Wirebond Life
INA2134-EP
SBOS595C – MARCH 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±18 V, RL = 2 kΩ, and Ref pin connected to Ground (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Initial
1
V/V
Error
VO = –16 V to 16 V
±0.02
±0.1
%
vs Temperature
VO = –16 V to 16 V, -55°C to 125°C
±2
±3.5
%
Nonlinearity
VO = –16 V to 16 V
0.0001
%
OUTPUT
Voltage output:
Positive
(V+) – 2
(V+) – 1.8
V
Negative
(V-) + 2
(V-) + 1.6
V
Positive
Specified temperature range
(V+) – 2.45
(V+) – 2.1
V
Negative
Specified temperature range
(V-) + 2.45
(V-) + 1.8
V
Current limit, continuous to common
±60
mA
Capacitive load (stable operation)
500
pF
POWER SUPPLY
Rated voltage
±18
V
Voltage range
±4
±18
V
IO = 0 A
±2.4
±2.9
mA
Quiescent current (per amplifier)
IO = 0 A, -55°C to 125°C
±2.7
±3.1
mA
TEMPERATURE RANGE
Specified temperature range
–55
125
°C
Operating temperature range
–55
125
°C
Storage temperature range
–65
150
°C
xxx
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
C.
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characterisitics.
Figure 1. INA2134 Electromigration Fail Mode/Wirebond Life Derating Chart
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com