Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ50C18R Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLQ50C18R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C18R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLQ50C18R Datasheet HTML 2Page - STMicroelectronics STLQ50C18R Datasheet HTML 3Page - STMicroelectronics STLQ50C18R Datasheet HTML 4Page - STMicroelectronics STLQ50C18R Datasheet HTML 5Page - STMicroelectronics STLQ50C18R Datasheet HTML 6Page - STMicroelectronics STLQ50C18R Datasheet HTML 7Page - STMicroelectronics STLQ50C18R Datasheet HTML 8Page - STMicroelectronics STLQ50C18R Datasheet HTML 9Page - STMicroelectronics STLQ50C18R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STLQ50XX
6/18
4
Electrical characteristics
Table 5.
Electrical characteristics
(VI = VO(NOM) +1 V or VI = 2.5 V if VO + 1.5 V; TA= -40 °C to 125 °C; IO = 1 mA; typical values
are at TA = 25 °C, CO = 1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Input voltage range
IO=20mA
2.3
12
V
IO=50mA
2.5
12
IQ
Quiescent current (Measured on
ground pin, fixed version)
VI=5V
3.5
5.0
µA
VI=12V
4.1
6.0
VO
Output voltage range (STLQ50ADJ)
1.222
11
V
Accuracy as percentage of nominal
voltage at TJ=25°C
-2
+2
%
VDROP-MAX Max dropout voltage
(1)
1.
VI=2.5V when VO(NOM) ≤2.1V
IO=50mA;
0.4
0.7
V
ΔV
O
Load regulation
1mA < IO <50mA
0.15
%/mA
ΔV
O
Line regulation
VO=1.5V:
VO+1V < VI <12V;
VO=1.5V:
2.5V < VI <12V;
0.3
%/V
SVR
Supply voltage rejection
VRIPPLE = 0.1V, IO= 20mA
f=120Hz
30
dB
eN
Output noise voltage
BW from 200Hz to
100KHZ; IO=10mA
560
µVRMS
Th
Thermal protection
160
°C
IOMAX
Maximum output current (2)
2.
The maximum power dissipation must not be exceeded, see application information for details.
VO=0V
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com