Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ50C18R Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLQ50C18R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C18R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLQ50C18R Datasheet HTML 10Page - STMicroelectronics STLQ50C18R Datasheet HTML 11Page - STMicroelectronics STLQ50C18R Datasheet HTML 12Page - STMicroelectronics STLQ50C18R Datasheet HTML 13Page - STMicroelectronics STLQ50C18R Datasheet HTML 14Page - STMicroelectronics STLQ50C18R Datasheet HTML 15Page - STMicroelectronics STLQ50C18R Datasheet HTML 16Page - STMicroelectronics STLQ50C18R Datasheet HTML 17Page - STMicroelectronics STLQ50C18R Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STLQ50XX
Revision history
17/18
9
Revision history
Table 6.
Document revision history
Date
Revision
Changes
07-Feb-2007
1
Initial release.
13-Feb-2007
2
Typo in cover page 350mA ==> 350mV.
06-Jul-2007
3
Added part number.
14-Nov-2007
4
Added Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com