Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW50-2G Datasheet(PDF) 69 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 69 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 73Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
69
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5203
Two piece heat sink
Two piece heat sink adds
extra cooling in the same
amount of board space as
other solutions. Base and
top can be ordered separately.
(1.250)
31.75
(0.500)
12.70
(1.530)
38.86
(1.187)
30.15
2x
(0.218)
5.54
2x
THRU
(0.188)
4.78
THRU
16.89
(0.665)
4.34
(0.171)
5.46
(0.215)
10.92
(0.430)
ø
ø
Part Number
Description
Figure
520327B00000G
Two piece heat sink assembly, base and top
520328B00000G
Top only
B
520329B00000G
Base only
A
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
520328
520329
520327
ORDERING INFORMATION
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Finish
579103B00000G
Black anodize
579103V00000G
AavSHIELD3
SLOT
30.15
(1.187)
REF
4.83
(0.190)
4.06
(0.160)
øx
39.12
(1.540)
22.10
(0.870)
9.91
(0.390)
28.57
(1.125)
Space saving expandable collar heat sink
has the same footprint as the device being
cooled meaning no extra board space is
required to fit the heat sink. The expandable
collar tightly grips the device meaning no
extra hardware is required. May also be used
with any diamond or square basket heat sink
to form a two piece heat sink for additional
cooling. Available in conductive AavSHIELD3
or black anodize finish.
5791
Space saving expandable collar heat sink
5060
Low profile hat section heat sink
Low profile hat section heat sink
is ideal for applications where low
component heights are required
such as card cages with PCBs
mounted on 0.500 centers.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
04
8
12
16
20
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
506003B00000G
Low profile hat section heat sink
ORDERING INFORMATION
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
(2.000)
50.80
(1.200)
30.48
(1.750)
44.45
(0.375)
9.52
2x
THRU
(0.188)
4.78
(1.187)
30.15
(0.072)
1.82
(0.593)
15.06
(0.430)
10.92
(0.215)
5.46
2x
THRU
(0.218)
5.54
ø
CL1
CL2
ø
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
TO-3 Heat Sinks
For additional options see page 84
FIGURE A
FIGURE B
21.34
(0.840)
2.81
(0.110)
38.95
(1.534)
THRU TYP 2
3.71
(0.146)
14.17
(0.558)
THRU TYP 2
4.06
(0.160)
30.65
(1.206)
7.87
(0.310)
9.27
(0.365)
For additional options see page 84
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com