Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW50-2G Datasheet(PDF) 52 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 52 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
52
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
PF432, PF433, PF434, PF435, PF436
Plug in style heat sink features pre-blackened finish
Plug in style heat sink features
pre-blackened finish and two
spring action clips to firmly hold
the device to the heat sink
ensuring maximum metal to
metal thermal contact. Available
with solderable mounting tabs
for both horizontal and vertical
mounting to the PC board.
4.00
(0.157)
1.30
(0.051)
19.50
(0.768)
16.80
(0.661)
5.00
(0.197)
12.70
(0.500)
7.50
(0.295)
13.00
(0.512)
3.00
(0.118)
ø
0.40
(0.016)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
Figure
Dim “A”
PF432G
Plug in style heat sink with solderable tab, vertical mount
A
6.20 (0.244)
1.60 (0.063)
PF433G
With vertical mount no tab
A
PF434G
With solderable tab, horizontal mount
B
1.60 (0.063)
PF435G
With solderable tab, vertical mount
A
9.50 (0.374)
1.60 (0.063)
PF436G
With solderable tab offset from center, horizontal mount
C
1.60 (0.063)
ORDERING INFORMATION
19.50
(0.768)
4.00
(0.157)
2.85
(0.112)
12.70
(0.500)
7.50
(0.295)
13.00
(0.512)
3.00
(0.118)
ø
0.27
(0.010)
Material: 0.71 (0.028) Thick Aluminum
Finish: Pre-Black Anodize*
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
ORDERING INFORMATION
5768
Plug in style heat sink featuring four spring action clips
Plug in style heat sink features
four spring action clips to firmly
hold the device to the heat sink
ensuring maximum metal to
metal thermal contact. Available
with solderable mounting tabs
for both horizontal and vertical
mounting to the PC board.
19.05
(0.750)
6.22
(0.245)
0.81
(0.032)
14.48
(0.570)
12.70
(0.500)
0.813
(0.032)
4.19
(0.165)
MAX
MAX
12.70
(0.500)
19.05
(0.750)
14.48
(0.570)
12.70
(0.500)
1.27
(0.050)
12.70
(0.500)
4.06
(0.160)
1.27
(0.050)
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
576802V
579602U
576802B
Material: 0.81 (0.032) Thick Aluminum
Finish: See Table
Part Number
Description
Figure
Finish
576802B00000G
Slim plug in heat sink, no mounting tab
A
Black anodize
576802V00000G
Slim plug in heat sink, no mounting tab
A
AavSHIELD3
576802U00000G
Slim plug in heat sink, no mounting tab
A
Unfinished
576802B03100G
With single tab for horizontal mounting
A
Black anodize
1.73 (0.068)
576802V03100G
With single tab for horizontal mounting
A
AavSHIELD3
1.73 (0.068)
576802U03100G
With single tab for horizontal mounting
A
Unfinished
1.73 (0.068)
576802B04000G
With single tab for vertical mounting
B
Black anodize
1.75 (0.069)
576802V04000G
With single tab for vertical mounting
B
AavSHIELD3
1.75 (0.069)
576802U04000G
With single tab for vertical mounting
B
Unfinished
1.75 (0.069)
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
For additional options see page 84
*Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
19.50
(0.768)
12.00
(0.472)
3.00
(0.118)
1.30
(0.051)
5.70
(0.224)
"A"
13.00
(0.512)
12.70
(0.500)
0.40
(0.016)
ø
TAB
FIGURE C
TO-220 & TO-262 Heat Sinks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com