Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW63-2G Datasheet(PDF) 68 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 68 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 70Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 71Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 72Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
68
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
15.29
(0.602)
"A"
5.59
(0.220)
Part Number
“A” Dim
575200B00000G
18.29 (0.720)
575300B00000G
24.64 (0.970)
575400B00000G
30.99 (1.220)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
20
15
5
10
0
0
400
200
600
800
1000
575200
575400
Low cost slip on heat sink
features an expandable collar
that tightly grips the device
meaning no extra mounting
hardware is required. Three
heights to choose from.
5752, 5753, 5754 Low cost slip on heat sink
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
TO-92 Heat Sinks
ORDERING INFORMATION
13.70
(0.539)
13.80
(0.543)
10.16
(0.400)
1.00
(0.039)
11.40
(0.449)
2.50
(0.098)
0.40
(0.016)
8.50
(0.335)
4.27
(0.039)
Part Number
Description
92FG
Brass clip on heat sink
1.73 (0.068)
Air Velocity – Feet Per Minute
Heat Dissipated – Watts
25
0
20
40
60
80
100
01
2
3
4
5
20
15
5
10
0
0
400
200
600
800
1000
Low cost brass clip on heat sink
requires no hardware to attach
to the device. Includes integrated
tabs that can be soldered or twisted
to attach the heat sink to the board
reducing stress on the device leads.
92F
Low cost brass clip on heat sink
Material: 0.38 (0.015) Thick Brass
Finish: Unfinished
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
20
15
5
10
0
0
400
200
600
800
1000
575300
Dia of PCB
Plated Thru
Hole for Tabs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com