Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW63-2G Datasheet(PDF) 81 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 81 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 77Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 78Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 79Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 80Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 81Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 82Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 83Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 84Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 85Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
81
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Aavid Thermalloy features a variety of Thermalloy origin standard products that consist of a different part
number sequence than the standard Aavid 12 digit part numbering system. In most cases, digits 1 through
4, designate the basic model number of the heat sink. Digits 5-6, designate the finish of the heat sink. Digits
6-13 can designate any number of different options that come with a specific model number. (Please refer
to Option Index D on page 85 to see Aavid Thermalloy‘s offerings per base number.)
Popular productivity enhancing options:
Digits (Figure C-D above)
P_= Solderable Roll Pins (see page 94)
TC_ _ = Thermal Clip (see page 98)
CNE_ _ = Clinch Nuts (see page 95)
CNM_= Clinch Nuts Metric (see page 95)
MT= Mounting Tabs (see page 93)
8223-CL03,8241-CL11 = Alignment Pad (see page 87)
SE-_= Solderable Studs (see page 96)
SF_= Mounting Studs (see page 96)
G_= Grafoil® Pad (see page 86)
SNM_= Solderable Nuts Metric (see page 94)
SNE= Solderable Nuts (see page 94)
BGS_= BGS Clip (page 18)
How to decipher a Thermalloy origin part number?
To order most Thermalloy origin heat sinks you must use the basic part numbering system below:
A = Model Number
B = Finish
C = Productivity Enhancement (if applicable)
D = Second Productivity Enhancement (if applicable)
E = RoHS Compliant Suffix
Note: For a wide range of part number specific options, please see our Aavid Option Index D on page 85
Standard board level:
6021
–
-
G
A
B
C
Popular finishes*
(followed after base number in location B above)
B=Black Anodize
PB= Pre-Black Anodized
D=Tin Plated
U=Clean, No Finish
V=AavSHIELD3
D
*For additional information see page 110
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com