Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN02C Datasheet(PDF) 38 Page - Cooper Bussmann, Inc.

Part # FN02C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN02C Datasheet(HTML) 38 Page - Cooper Bussmann, Inc.

Back Button FN02C Datasheet HTML 34Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 35Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 36Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 37Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 38Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 39Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 40Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 41Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 42Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuse Rail
Vertical Style
BFRD
690V / 250-630A
Sizes 1, 2, 3
Specifications
Description:
Vertical Fuse Rails are designed to be used
with NH Fuses. Fully protected against accidental contacts.
Main features are:
- Contact covers
- Inter polar barriers
- Label for protected circuit identification
- Busbar mounting with screws
Ratings:
Applications:
Disconnecting cabinets and low voltage
distribution switchboards with busbar spacing of 185mm
Standards and Approvals:
CE, IEC EN 60269-1, IEC EN
60269-3-1
Dimensions:
Volts: - 690V ac
Amps: - 250 - 630A
Catalogue Numbers
39
Size
Rating
(A)
Part Reference
Leading out Terminals
1
250
BFR1-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR1-3K/LW
V-Shaped Clamps
BFR1-3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
2
400
BFR2-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR2-3K/LW
V-Shaped Clamps
BFR2/3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
3
630
BFR3-3K/LM/C (*)
Pressed-in Nuts with M10 Screw
BFR3-3K/LW
V-Shaped Clamps
BFR3-3K/LL
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with M12 bolts
(*) with Leading-out Terminal cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com