Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN02C Datasheet(PDF) 42 Page - Cooper Bussmann, Inc.

Part # FN02C
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FN02C Datasheet(HTML) 42 Page - Cooper Bussmann, Inc.

Back Button FN02C Datasheet HTML 38Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 39Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 40Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 41Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 42Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 43Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 44Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 45Page - Cooper Bussmann, Inc. FN02C Datasheet HTML 46Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
DO Fuseholders
FN C , TFN C, FRN C, TFRN C
400V / 16 - 100A
Sizes D01, D02, D03
Specifications
Description:
DO fuse carriers in ceramic bodies with
versions for securing to DIN rail or screw connection.
Complete range of accessories.
Ratings:
Applications:
Protection of industrial circuits and electrical
apparatus.
Standards and Approvals:
IEC 60269, VDE 0636,
Dimensions
Volts: - 400V ac
Amps: - 16 - 100A
Catalogue Numbers
Size
A
DO1
53
DO2
57
Size
Current
(A)
Part Ref
Screw Connection
Part Ref
DIN Rail
Connection
Unit
Packing
Single
Pole
Three
Pole
Single
Pole
Three
Pole
DO1
DO2
16A
63A
FN01C
FN02C
TFN01C
TFN02C
FRN01C
FRNC02C
TFRN1C
TFRN2C
15/5 (Three
Pole)
15/5 (Three
Pole)
Accessories
Accessories
Size
Current
(A)
Fuse Base
Type
References
Unit
Packing
Fuse
Carrier
DO1
DO2
16
63
E14
E18
CN01
CN02
20
Gauge/
Calibration
ring
DO1
2
4
6
10
E14
2GN01
4GN01
6GN01
10GN01
50
DO2
16
20
25
35
50
E18
16GN02
20GN02
25GN02
35GN02
50GN02
Covers
DO1 1 pole
DO2 1 pole
DO1 3 pole
DO2 3 pole
16
63
16
63
E14
E18
E14
E18
SFPCDO1
SFPCDO2
TFPCDO1
TFPCDO2
50
30
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com