Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950-50LP Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2950-50LP
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950-50LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2950-50LP Datasheet HTML 5Page - Texas Instruments LP2950-50LP Datasheet HTML 6Page - Texas Instruments LP2950-50LP Datasheet HTML 7Page - Texas Instruments LP2950-50LP Datasheet HTML 8Page - Texas Instruments LP2950-50LP Datasheet HTML 9Page - Texas Instruments LP2950-50LP Datasheet HTML 10Page - Texas Instruments LP2950-50LP Datasheet HTML 11Page - Texas Instruments LP2950-50LP Datasheet HTML 12Page - Texas Instruments LP2950-50LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
50
55
60
65
70
75
80
85
90
95
100
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
IL = 100 µA
VIN = 6 V
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
I
L = 100 m A
V
IN = 6 V
50
75
100
125
150
175
200
225
250
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
0
50
100
150
200
250
300
350
400
450
500
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
RL = 100 µA
RL = 100 m A
LP2950
LP2951
www.ti.com
SLVS582H – APRIL 2006 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
QUIESCENT CURRENT
QUIESCENT CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
SHORT-CIRCUIT CURRENT
DROPOUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com