Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950-50LP Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2950-50LP
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950-50LP Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2950-50LP Datasheet HTML 11Page - Texas Instruments LP2950-50LP Datasheet HTML 12Page - Texas Instruments LP2950-50LP Datasheet HTML 13Page - Texas Instruments LP2950-50LP Datasheet HTML 14Page - Texas Instruments LP2950-50LP Datasheet HTML 15Page - Texas Instruments LP2950-50LP Datasheet HTML 16Page - Texas Instruments LP2950-50LP Datasheet HTML 17Page - Texas Instruments LP2950-50LP Datasheet HTML 18Page - Texas Instruments LP2950-50LP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
LP2950
LP2951
www.ti.com
SLVS582H – APRIL 2006 – REVISED MARCH 2012
APPLICATION INFORMATION
Input Capacitor (CIN)
A 1-
μF (tantalum, ceramic, or aluminum) electrolytic capacitor should be placed locally at the input of the LP2950
or LP2951 if there is, or will be, significant impedance between the ac filter capacitor and the input; for example,
if a battery is used as the input or if the ac filter capacitor is located more than 10 in away. There are no ESR
requirements for this capacitor, and the capacitance can be increased without limit.
Output Capacitor (COUT)
As with most PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and an
ESR that falls within a certain range.
Capacitance Value
For VOUT ≥ 5 V, a minimum of 1 μF is required. For lower VOUT, the regulator’s loop gain is running closer to unity
gain and, thus, has lower phase margins. Consequently, a larger capacitance is needed for stability. For VOUT =
3 V or 3.3 V, a minimum of 2.2
μF is recommended. For worst case, VOUT = 1.23 V (using the ADJ version), a
minimum of 3.3
μF is recommended. COUT can be increased without limit and only improves the regulator stability
and transient response. Regardless of its value, the output capacitor should have a resonant frequency greater
than 500 kHz.
The minimum capacitance values given above are for maximum load current of 100 mA. If the maximum
expected load current is less than 100 mA, then lower values of COUT can be used. For instance, if IOUT < 10 mA,
then only 0.33
μF is required for COUT. For IOUT < 1 mA, 0.1 μF is sufficient for stability requirements. Thus, for a
worst-case condition of 100-mA load and VOUT = VREF = 1.235 V (representing the highest load current and
lowest loop gain), a minimum COUT of 3.3 μF is recommended.
For the LP2950, no load stability is inherent in the design — a desirable feature in CMOS circuits that are put in
standby (such as RAM keep-alive applications). If the LP2951 is used with external resistors to set the output
voltage, a minimum load current of 1
μA is recommended through the resistor divider.
ESR Range
The regulator control loop relies on the ESR of the output capacitor to provide a zero to add sufficient phase
margin to ensure unconditional regulator stability; this requires the closed-loop gain to intersect the open-loop
response in a region where the open-loop gain rolls off at 20 dB/decade. This ensures that the phase always is
less than 180° (phase margin greater than 0°) at unity gain. Thus, a minimum-maximum range for the ESR must
be observed.
The upper limit of this ESR range is established by the fact that too high an ESR could result in the zero
occurring too soon, causing the gain to roll off too slowly, which, in turn allows a third pole to appear before unity
gain and introduce enough phase shift to cause instability. This typically limits the max ESR to approximately
5
Ω.
Conversely, the lower limit of the ESR is tied to the fact that too low an ESR shifts the zero too far out (past unity
gain) and, thus, allows the gain to roll off at 40 dB/decade at unity gain, with a resulting phase shift of greater
than 180°. Typically, this limits the minimum ESR to approximately 20 m
Ω to 30 mΩ.
For specific ESR requirements, see Typical Characteristics.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com