Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931CS
Description  Series Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CS Datasheet(HTML) 1 Page - Texas Instruments

  LM2931CS Datasheet HTML 1Page - Texas Instruments LM2931CS Datasheet HTML 2Page - Texas Instruments LM2931CS Datasheet HTML 3Page - Texas Instruments LM2931CS Datasheet HTML 4Page - Texas Instruments LM2931CS Datasheet HTML 5Page - Texas Instruments LM2931CS Datasheet HTML 6Page - Texas Instruments LM2931CS Datasheet HTML 7Page - Texas Instruments LM2931CS Datasheet HTML 8Page - Texas Instruments LM2931CS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2931-N
www.ti.com
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
LM2931-N Series Low Dropout Regulators
Check for Samples: LM2931-N
1
FEATURES
DESCRIPTION
The LM2931-N positive voltage regulator features a
2
•
Very Low Quiescent Current
very low quiescent current of 1mA or less when
•
Output Current in Excess of 100 mA
supplying 10mA loads. This unique characteristic and
•
Input-output Differential Less than 0.6V
the extremely low input-output differential required for
proper regulation (0.2V for output currents of 10mA)
•
Reverse Battery Protection
make the LM2931-N the ideal regulator for standby
•
60V Load Dump Protection
power systems. Applications include memory standby
•
−50V Reverse Transient Protection
circuits, CMOS and other low power processor power
supplies as well as systems demanding as much as
•
Short Circuit Protection
100mA of output current.
•
Internal Thermal Overload Protection
Designed originally for automotive applications, the
•
Mirror-image Insertion Protection
LM2931-N and all regulated circuitry are protected
•
Available in TO-220, TO-92, TO-263, or SOIC-8
from reverse battery installations or 2 battery jumps.
Packages
During line transients, such as a load dump (60V)
•
Available as Adjustable with TTL Compatible
when
the
input
voltage
to
the
regulator
can
Switch
momentarily
exceed
the
specified
maximum
operating voltage, the regulator will automatically shut
down to protect both internal circuits and the load.
The LM2931-N cannot be harmed by temporary
mirror-image insertion. Familiar regulator features
such as short circuit and thermal overload protection
are also provided.
The LM2931-N family includes a fixed 5V output
(±3.8% tolerance for A grade) or an adjustable output
with ON/OFF pin. Both versions are available in a
TO-220 power package, DDPAK/TO-263 surface
mount package, and an 8-lead SOIC package. The
fixed output version is also available in the TO-92
plastic package.
Connection Diagrams
FIXED VOLTAGE OUTPUT
Figure 1. TO-220 3-Lead Power Package
Figure 2. DDPAK/TO-263 Surface-Mount Package
Front View
Top View
Figure 3. Side View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2931CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931CS NSC-LM2931CS Datasheet
363Kb / 18P
Series Low Dropout Regulators
LM2931CS NSC-LM2931CS Datasheet
411Kb / 18P
Series Low Dropout Regulators
logo
Texas Instruments
LM2931CS TI1-LM2931CS Datasheet
4Mb / 29P
LM2931-N Series Low Dropout Regulators
LM2931CS/NOPB TI1-LM2931CS/NOPB Datasheet
4Mb / 29P
LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
Series Low Dropout Regulators
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
Low Dropout Regulators
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com