Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2931CS
Description  Series Low Dropout Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2931CS Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2931CS Datasheet HTML 6Page - Texas Instruments LM2931CS Datasheet HTML 7Page - Texas Instruments LM2931CS Datasheet HTML 8Page - Texas Instruments LM2931CS Datasheet HTML 9Page - Texas Instruments LM2931CS Datasheet HTML 10Page - Texas Instruments LM2931CS Datasheet HTML 11Page - Texas Instruments LM2931CS Datasheet HTML 12Page - Texas Instruments LM2931CS Datasheet HTML 13Page - Texas Instruments LM2931CS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM2931-N
SNOSBE5G – MARCH 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Maximum Power Dissipation
(TO-263) (1)
On/Off Threshold
Figure 32.
Figure 33.
Output Capacitor ESR
Figure 34.
(1)
The maximum power dissipation is a function of maximum junction temperature TJmax, total thermal resistance θJA, and ambient
temperature TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJmax − TA)/θJA. If this dissipation is
exceeded, the die temperature will rise above 150°C and the LM2931-N will go into thermal shutdown. For the LM2931-N in the TO-92
package,
θJA is 195°C/W; in the SOIC-8 package, θJA is 160°C/W, and in the TO-220 package, θJA is 50°C/W; in the DDPAK/TO-263
package,
θJA is 73°C/W; and in the 6-Bump DSBGA package θJA is 290°C/W. If the TO-220 package is used with a heat sink, θJA is the
sum of the package thermal resistance junction-to-case of 3°C/W and the thermal resistance added by the heat sink and thermal
interface.If the TO-263 package is used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally
connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W;
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2931-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com