Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16245AMDLREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH16245AMDLREP
Description  3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16245AMDLREP Datasheet(HTML) 5 Page - Texas Instruments

  CLVTH16245AMDLREP Datasheet HTML 1Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 2Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 3Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 4Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 5Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 6Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 7Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 8Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
SN74LVTH16245A-EP
3.3-V ABT 16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS693G – APRIL 2003 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
SN74LVTH16245AQ
SN74LVTH16245AI
SN74LVTH16245AM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 2.7 V to 3.6 V,
VCC
VCC
VCC
IOH = –100 µA
– 0.2
– 0.2
– 0.2
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
2.4
VOH
V
IOH = –24 mA
2
2
VCC = 3.3 V
IOH = –32 mA
2
IOL = 100 µA
0.2
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
0.4
V
VCC = 3 V
IOL = 32 mA
0.5
IOL = 64 mA
0.55
VCC = 3.6 V,
±1
±1
±1
VI = VCC or GND
Control inputs
VCC = 0 or 3.6 V,
10
10
10
VI = 5.5 V
II
µA
VI = 5.5 V
20
20
20
A or B port(2)
VCC = 3.6 V
VI = VCC
5
1
5
VI = 0
–5
–5
–5
VCC = 0,
Ioff
±100
µA
VI or VO = 0 to 4.5 V
VI = 0.8 V
75
75
75
VCC = 3 V
VI = 2 V
–75
–75
–75
II(hold)(3)
A or B port
µA
VCC = 3.6 V,
500
VI = 0 to 3.6 V
–750
VCC = 0 to 1.5 V,
IOZPU
VO = 0.5 V to 3 V,
±100
±100
±100
µA
OE = don't care
VCC = 1.5 V to 0,
IOZPD
VO = 0.5 V to 3 V,
±100
±100
±100
µA
OE = don't care
Outputs high
0.19
0.19
0.19
VCC = 3.6 V,
IO = 0,
Outputs low
5
5
5
ICC
mA
VI = VCC or
Outputs
0.19
0.19
0.19
GND
disabled
VCC = 3 V to 3.6 V,
∆I
CC
(4)
One input at VCC – 0.6 V,
0.2
0.2
0.2
mA
Other inputs at VCC or GND
Ci
VI = 3 V or 0
4
4
4
pF
Cio
VO = 3 V or 0
10
10
10
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Unused pins at VCC or GND
(3)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com