Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16245AMDLREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH16245AMDLREP
Description  3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16245AMDLREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLVTH16245AMDLREP Datasheet HTML 2Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 3Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 4Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 5Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 6Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 7Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 8Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 9Page - Texas Instruments CLVTH16245AMDLREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Switching Characteristics
SN74LVTH16245A-EP
3.3-V ABT 16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS693G – APRIL 2003 – REVISED OCTOBER 2006
over operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN74LVTH16245AQ
SN74LVTH16245AI
SN74LVTH16245AM
FROM
TO
PARAMETER
VCC = 3.3 V
VCC = 3.3 V
UNIT
(INPUT)
(OUTPUT)
VCC = 2.7 V
VCC = 2.7 V
±0.3 V
±0.3 V
MIN
MAX
MIN
MAX
MIN
TYP(1)
MAX
MIN
MAX
tPLH
0.5
4.5
4.6
1.5
2.3
3.3
3.7
ns
A or B
B or A
tPHL
0.5
4.4
3.9
1.3
2.1
3.3
3.5
tPZH
0.5
6.5
6.6
1.5
2.8
4.5
5.3
ns
OE
A or B
tPZL
0.5
5.4
6.2
1.6
2.9
4.6
5.2
tPHZ
1
6.8
7
2.3
3.7
5.1
5.5
ns
OE
A or B
tPLZ
1
6.2
6.3
2.2
3.5
5.1
5.4
tsk(o)
0.5
0.5
ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com