Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16374IDLREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH16374IDLREP
Description  3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16374IDLREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVTH16374IDLREP Datasheet HTML 1Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 2Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 3Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 4Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 5Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 6Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 7Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 8Page - Texas Instruments CLVTH16374IDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74LVTH16374EP
3.3V ABT 16BIT EDGETRIGGERED DTYPE FLIPFLOP
WITH 3STATE OUTPUTS
SCBS779A − NOVEMBER 2003 – OCTOBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
V
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC − 0.2
VOH
VCC = 2.7 V,
IOH = −8 mA
2.4
V
VOH
VCC = 3 V,
IOH = −32 mA
2
V
VCC = 2.7 V
IOL = 100 µA
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
VOL
IOL = 16 mA
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
VCC = 3 V
IOL = 64 mA
0.55
VCC = 0 or 3.6 V,
VI = 5.5 V
10
II
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
A
II
Data inputs
VCC = 3.6 V
VI = VCC
1
µA
Data inputs
VCC = 3.6 V
VI = 0
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
II(hold)
Data inputs
VCC = 3 V
VI = 2 V
−75
µA
II(hold)
Data inputs
VCC = 3.6 V‡,
VI = 0 to 3.6 V
±500
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−5
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = don’t care
±100
µA
Outputs high
0.19
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs low
5
mA
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs disabled
0.19
mA
∆ICC§
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
3
pF
Co
VO = 3 V or 0
9
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 3.3
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
160
160
MHz
tw
Pulse duration, CLK high or low
3
3
ns
tsu
Setup time, data before CLK
↑
High or low
1.8
2
ns
th
Hold time, data after CLK
↑
High or low
0.8
0.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com