Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPT57604 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPT57604
Description  192/200-OUTPUT TFT GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPT57604 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPT57604 Datasheet HTML 2Page - Texas Instruments MPT57604 Datasheet HTML 3Page - Texas Instruments MPT57604 Datasheet HTML 4Page - Texas Instruments MPT57604 Datasheet HTML 5Page - Texas Instruments MPT57604 Datasheet HTML 6Page - Texas Instruments MPT57604 Datasheet HTML 7Page - Texas Instruments MPT57604 Datasheet HTML 8Page - Texas Instruments MPT57604 Datasheet HTML 9Page - Texas Instruments MPT57604 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MPT57604
192/200-OUTPUT TFT GATE DRIVER
SGLS109 - JANUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings (referenced to VSS = 0 V)†
Supply voltage‡§,VDD
– 0.3 to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE
– 20 to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDL
VEE – 0.3 to VEE + 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL
VEE – 0.3 to VEE + 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCOM – VEE
– 0.3 to 40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDL – VEE
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VIN
– 0.3 to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, TSTR
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, all voltages are with reference to VSS.
§ Power up in the following order: VDD → VEE → VDL → input signal → VCOM. Power down by reversing the sequence.
recommended operating conditions (referenced to VSS = 0 V)
MIN
TYP
MAX
UNIT
Supply voltage, VDD
3.0
3.3
3.6
V
Supply voltage, VCOM
10
25
V
Supply voltage, VEE
–15
–5
V
Supply voltage, VDL
VEE + 4.5
VEE + 5.5
V
Supply voltage, VL – VEE
0
6
V
Supply voltage, VCOM – VEE
17
35
V
Low-level input voltage, VIL
VSS
0.1
× VDD
V
High-level input voltage, VIH
0.9
× VDD
VDD
V
Clock frequency, fCPV
100
kHz
Operating free-air temperature, TA
–55
125
°C
electrical characteristics over full range of recommended operating conditions, VSS = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage (STV1, STV2)
IOL = 40 µA
VSS
VSS + 0.4
V
VOH
High-level output voltage (STV1, STV2)
IOH = – 40 µA
VDD – 0.4
VDD
V
ROL
Low-level output resistance (OUT1 - OUT200)
VOUT = VL + 0.2 V
1000
Ω
ROH
High-level output resistance (OUT1 - OUT200)
VOUT = VCOM – 0.2 V
1000
Ω
II
Input current
All input terminals
–5
5
µA
IDD
Continuous current dissipation
500
IDL
Continuous current dissipation
See Notes 1 and 2
100
µA
ICOM
Continuous current dissipation
100
NOTES:
1. Current consumption by a 1/600-duty liquid-crystal display.
2. Condition: The outputs are no load. The inputs are VIH = VDD, VIL = VSS, fCPV = 50 kHz, fSTV = 83.4 Hz, and OE1-3 = VIL.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com