Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPT57604 Datasheet(PDF) 8 Page - Texas Instruments

Part # MPT57604
Description  192/200-OUTPUT TFT GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPT57604 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPT57604 Datasheet HTML 2Page - Texas Instruments MPT57604 Datasheet HTML 3Page - Texas Instruments MPT57604 Datasheet HTML 4Page - Texas Instruments MPT57604 Datasheet HTML 5Page - Texas Instruments MPT57604 Datasheet HTML 6Page - Texas Instruments MPT57604 Datasheet HTML 7Page - Texas Instruments MPT57604 Datasheet HTML 8Page - Texas Instruments MPT57604 Datasheet HTML 9Page - Texas Instruments MPT57604 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MPT57604
192/200-OUTPUT TFT GATE DRIVER
SGLS109 - JANUARY 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over full range of recommended operating conditions, VSS = 0 V (unless
otherwise noted)
PARAMETER
MIN
MAX
UNIT
fCP
Operating frequency
100
KHz
tCPVH,
tCPVL
CPV clock pulse width
4
µs
tWCL
Clear enable time
1
µs
tsu
Data setup time
700
ns
th
Data hold time
700
ns
switching characteristics over full range of recommended operating conditions, VSS = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
Propagation delay time, CPV to outputs
CL = 300 pF
1000
ns
tpd2
Propagation delay time, CPV to STV2
CL = 30 pF
800
ns
tpd3
Propagation delay time, output enables to outputs
CL = 300 pF
1000
ns
NOTE: The ac timing is 50% of the I/O amplitude, for each signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com