Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNAD02C Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 4Page - SONiX Technology Company SNAD02C Datasheet HTML 5Page - SONiX Technology Company SNAD02C Datasheet HTML 6Page - SONiX Technology Company SNAD02C Datasheet HTML 7Page - SONiX Technology Company SNAD02C Datasheet HTML 8Page - SONiX Technology Company SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company SNAD02C Datasheet HTML 11Page - SONiX Technology Company SNAD02C Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
Name
Function
PH
Set the pull-up resistor of the channel in digital input mode. 1:ON, 0:OFF.
PL
Set the pull-down resistor of the channel in digital input mode.
“1”: ON, “0”: OFF.
RF, MB Set the reference source (from internal bandgap or “REF” pin)
RF=0, MB=1: reference voltage from “REF” pin
RF=1, MB=0: reference voltage from internal bandgap
Table-3
Note:
1. The condition of both PH=1 and PL=1 is prohibited.
2. Pull-up and pull-down resistors are not activated while the corresponding channel is set as
analog input mode.
3. Before into power down mode, the “RF” and “MB” register must set up “0”, otherwise the standby
current will more than 1uA.
6.4. ADC Read Timing
START
ADC Reading
HiZ
CM2
CM1
CM0
ID2
ID1
ID0
X
X
D9
D8
D7
D2
D6
D5
D4
D3
DIO
D0
D1
Port Input
Port Output
CLK
Figure-6 The timing diagram of ADC reading
Version: 1.3
July 31, 2003
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com