Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNAD02C Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 2Page - SONiX Technology Company SNAD02C Datasheet HTML 3Page - SONiX Technology Company SNAD02C Datasheet HTML 4Page - SONiX Technology Company SNAD02C Datasheet HTML 5Page - SONiX Technology Company SNAD02C Datasheet HTML 6Page - SONiX Technology Company SNAD02C Datasheet HTML 7Page - SONiX Technology Company SNAD02C Datasheet HTML 8Page - SONiX Technology Company SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
(1) DIO is HiZ while START is HIGH.
(2) The interface logic begins to interpret a command at the falling edge of the START signal.
(3) The command ID (sent by Host) is received in the first three clock cycles from DIO.
(4) The operations include Channel setting, ADC Reading, Digital Input Reading and Power
Down.
(5) DIO becomes to HiZ while START returns to HIGH.
Command ID
Operation
000
Power Down (0)
001
Channel Attribute Setting (1:Analog, 0:Digital)
010
Channel Wakeup Function Setting
(1:Enable, 0:Disable)
011
Control Register Setting
100
ADC Conversion
101
Digital Input Reading
110
Reserved
111
Power Down (1)
Table-2 Command Description Table
a.
000/111: ADC enters into power down after receiving this command.
b.
001: Set the attribute of each channel to be an analog or a digital input with the sequence of
channel 7 to 0. (1:Analog; 0:Digital)
c.
010: Set the wakeup function of each channel to be enabled or disabled with the sequence of
channel 7 to 0. (1:Enable; 0:Disable)
d.
011: Setting the values of control registers.
e.
100: ADC starts to convert the analog signal of the selected channel after receiving this
command.
f.
101: ADC starts to read the digital input of every channel with the sequence of channel 7 to 0.
g.
110: ADC enters into testing mode.
Version: 1.3
July 31, 2003
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com