Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM4300IPZ Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 2Page - Texas Instruments TCM4300IPZ Datasheet HTML 3Page - Texas Instruments TCM4300IPZ Datasheet HTML 4Page - Texas Instruments TCM4300IPZ Datasheet HTML 5Page - Texas Instruments TCM4300IPZ Datasheet HTML 6Page - Texas Instruments TCM4300IPZ Datasheet HTML 7Page - Texas Instruments TCM4300IPZ Datasheet HTML 8Page - Texas Instruments TCM4300IPZ Datasheet HTML 9Page - Texas Instruments TCM4300IPZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
vi
List of Tables
Table
Title
Page
4–1
TCM4300 Receive Channel Control Signals
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2
RXIP, RXIN, RXQP, and RXQN Inputs (AVDD = 3 V, 4.5 V, 5 V)
4–2
. . . . . . . . . . . . . .
4–3
Receive (RX) Channel Frequency Response (FM Input in Analog Mode)
4–3
. . . . . .
4–4
Receive (RX) Channel Frequency Response (RXI, RXQ Input in Digital Mode)
4–3
.
4–5
Transmit (TX) I and Q Channel Outputs
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6
Transmit (TX) Channel Frequency Response (Digital Mode)
4–5
. . . . . . . . . . . . . . . . .
4–7
Transmit (TX) Channel Frequency Response (Analog Mode)
4–5
. . . . . . . . . . . . . . . .
4–8
Typical Bit-Error-Rate Performance (WBD_BW = 000)
4–8
. . . . . . . . . . . . . . . . . . . . . .
4–9
Bits in Control Register WBDCtrl
4–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–10
Auxiliary D/A Converters
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–11
Auxiliary D /A Converters Slope (AGC, AFC, PWRCONT)
4–10
. . . . . . . . . . . . . . . . . . .
4–12
Auxiliary D /A Converters Slope (LCDCONTR)
4–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–13
RSSI/Battery A/D Converter
4–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–14
Synthesizer Control Fields
4–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–15
External Power Control Signals
4–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–16
Microcontroller Register Map
4–21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–17
Microcontroller Register Definitions
4–22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–18
WBDCtrl Register
4–23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–19
MStatCtrl Register Bits
4–24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–20
DSP Register Map
4–25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–21
DSP Register Definitions
4–25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–22
DStatCtrl Register Bits
4–27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–23
Power-On Reset Register Initialization
4–28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–24
Microcontroller Interface Configuration
4–29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–25
Microcontroller Interface Connections for Intel Mode
4–29
. . . . . . . . . . . . . . . . . . . . . . . .
4–26
Microcontroller Interface Connections for Mitsubishi Mode
4–30
. . . . . . . . . . . . . . . . . . .
4–27
Microcontroller Interface Connections for Motorola Mode (8 bits)
4–30
. . . . . . . . . . . . .
4–28
Microcontroller Interface Connections for Motorola Mode (16 bits)
4–31
. . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com