Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM4300IPZ Datasheet(PDF) 8 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 4Page - Texas Instruments TCM4300IPZ Datasheet HTML 5Page - Texas Instruments TCM4300IPZ Datasheet HTML 6Page - Texas Instruments TCM4300IPZ Datasheet HTML 7Page - Texas Instruments TCM4300IPZ Datasheet HTML 8Page - Texas Instruments TCM4300IPZ Datasheet HTML 9Page - Texas Instruments TCM4300IPZ Datasheet HTML 10Page - Texas Instruments TCM4300IPZ Datasheet HTML 11Page - Texas Instruments TCM4300IPZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
1–2
1.2
TCM4300 Functional Block Diagram
TXQP
TXQN
RSSI
BAT
A/D
OUT1
FMRXEN
IQRXEN
TXEN
SCEN
SYNOL
TXONIND
SYNCLK
SYNDTA
SYNLE
[2:0]
LCDCONTR
D/A
TXIP
TXIN
FM
RXQP
RXQN
A/D
RXIP
RXIN
A/D
PWRCONT
AFC
AGC
PAEN
MCCLK
CSCLK
CMCLK
MCLKIN
XTAL
MCLKOUT
CINT
DINT
DWBDINT
MWBDFINT
REFCAP
VHR
Vref
RBIAS
VCM
RSOUTL
RSOUTH
RSINL
DATA
CONTROL
ADDRESS
3
10
4
3
10
8
10
10
8
5
7
8
8
10
8
4
8
4
8
8
8
8
8
8
8
6
0Fh
10h
8
5
I
Q
ModeSel
A
D
D
A
Low-
Pass
Filter
09h(D)
D/A
Low-
Pass
Filter
D/A
Digital Filter
Analog
Mode (LPF)
Digital
Mode (SQRC)
π/4 Shifted
DQPSK
Modulation
TXI (04b)
TX Data
Registers
TXQ (05b)
TX
Offset
Anti-
aliasing
Filter
Digital Filter
Analog
Mode (LPF)
Digital
Mode (SQRC)
Sample
Register
RXI
02h
RXQ 03h
DSP
Interface
Data
Control
Address
Anti-
aliasing
Filter
Low-
Pass
Filter
Wide-band
Data
Demodulator
WBD
Register
00h
WBD
Control
01h
00h
Internal
RESET
Power On
RESET
D/A
D/A
D/A
0Ah(D)
0Bh(D)
AUX
D/As
Control
Registers
Clock
Generation
and
Timing
Adjustment
Logic
38.88MHz
Clock
Oscillator
TX
Common Mode Input
Bias
Control
Ref
Gen
Power
Control
DStatCtrl
Register
0Ch
MStatCtrl
Register
0Eh
Synthesizer
Interface
03h – 09h
Microcontroller
to DSP FIFO
06h
01h
DSP to
Microcontroller
FIFO
06h
01h
RSSI
0Bh
BAT
0Ch
LCD
0Dh
DATA
CONTROL
ADDRESS
6
8
5
8
Micro-
controller
Interface
Data
Control
Address
10
SINT
Internal
Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com