Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8200IPFPEP Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200IPFPEP
Description  All-Format Oversampled Component Video/PC Graphics D/A System With Three 11-Bit DACs, CGMS Data Insertion
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8200IPFPEP Datasheet(HTML) 91 Page - Texas Instruments

Back Button THS8200IPFPEP Datasheet HTML 87Page - Texas Instruments THS8200IPFPEP Datasheet HTML 88Page - Texas Instruments THS8200IPFPEP Datasheet HTML 89Page - Texas Instruments THS8200IPFPEP Datasheet HTML 90Page - Texas Instruments THS8200IPFPEP Datasheet HTML 91Page - Texas Instruments THS8200IPFPEP Datasheet HTML 92Page - Texas Instruments THS8200IPFPEP Datasheet HTML 93Page - Texas Instruments THS8200IPFPEP Datasheet HTML 94Page - Texas Instruments THS8200IPFPEP Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
f - Frequency - MHz
0
100
200
300
400
500
V = 700 mV
VIO = 3.3 V
V(BIAS) = 350 mV
20
DLL
Bypassed
DLL Used
30
80
160
200
THS8200-EP
www.ti.com
SLES253 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DAC output current
tfi
10 to 90% of full-scale, CLK = 80 MHz
3.5
4.2
ns
fall time
Analog output
Measured from falling edge of CLKIN to 50%
td
6.5
ns
delay
of full-scale transition(9)
Analog output
Measured from 50% of full scale transition on output to output
tsa
6.6
ns
settling time
settling, within 2%(10)
1 MHz,
−1 dB FS digital sine input
–55
Spurious-free
SFDR
dB
dynamic range
10 MHz,
−1 dB FS digital sine input
–43
BW
Bandwidth (3 dB)
90
MHz
Eglitch
Glitch energy
Full-scale code transition at 205 MSPS
25
pVs
(9)
This value excludes the digital process delay, tD(D). Limit from characterization only. Data is clocked in on the rising edge of CLKIN.
Analog outputs become available on the falling edge of CLKIN.
(10) Limit from characterization only.
7.4
Power Requirements
7.4.1
Power for 700-mV DAC Output Compliance + 350-mV Bias at AVDD = 3.3 V,
DVDD = 1.8 V, VDD_IO = 3.3 V, VDD_DLL = 3.3 V, 1-MHz Tone on All Channels
POWER (mW),
POWER (mW),
f (MHz)
IAVDD (mA)
IDVDD (mA)
IVDD_IO (mA)
IVDD_DLL (mA)
DLL BYPASSED
DLL USED
20
329.91
332.88
93.2
10.4
1.1
0.9
30
338.52
351.72
93.2
15
1.2
4
80
382.47
399.63
93.2
38.5
1.7
5.2
160
450.51
93.2
75.2
2.3
200
476.01
93.2
89
2.5
Figure 7-1. POWER vs FREQUENCY
7.4.2
Power for 700-mV DAC Output Compliance + 350-mV Bias at AVDD = 3.3 V,
Copyright © 2009, Texas Instruments Incorporated
Electrical Characteristics
91
Submit Documentation Feedback
Product Folder Link(s): THS8200-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com