Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8200IPFPEP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200IPFPEP
Description  All-Format Oversampled Component Video/PC Graphics D/A System With Three 11-Bit DACs, CGMS Data Insertion
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8200IPFPEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS8200IPFPEP Datasheet HTML 9Page - Texas Instruments THS8200IPFPEP Datasheet HTML 10Page - Texas Instruments THS8200IPFPEP Datasheet HTML 11Page - Texas Instruments THS8200IPFPEP Datasheet HTML 12Page - Texas Instruments THS8200IPFPEP Datasheet HTML 13Page - Texas Instruments THS8200IPFPEP Datasheet HTML 14Page - Texas Instruments THS8200IPFPEP Datasheet HTML 15Page - Texas Instruments THS8200IPFPEP Datasheet HTML 16Page - Texas Instruments THS8200IPFPEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
THS8200-EP
www.ti.com
SLES253 – DECEMBER 2009
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
Serial clock line of I2C bus interface. Open-collector. Maximum specified clock speed is
SCL
64
B
400 kHz (fast I2C).
SDA
63
B
Serial data line of I2C bus interface. Open-collector.
VDD_DLL
4
PWR
Power supply of clock doubler, nominal 1.8 V
VDD_IO
19, 46, 70
PWR
I/O ring power, 1.8 V or 3.3 V nominal
Vertical source synchronization. In slave timing mode, this is an input from the video data
VS_IN
44
I/O
source. In master timing mode, this is an output to the video data source with programmable
timing and polarity, serving as a vertical data qualification signal to the video source.
Vertical sync output (to display). Irrespective of slave/master timing mode configuration, this
VS_OUT
62
O
is always an output with timing generated by the DTG.
Copyright © 2009, Texas Instruments Incorporated
Overview
13
Submit Documentation Feedback
Product Folder Link(s): THS8200-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com