Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL921 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL921
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL921 Datasheet(HTML) 4 Page - Texas Instruments

  TIL921 Datasheet HTML 1Page - Texas Instruments TIL921 Datasheet HTML 2Page - Texas Instruments TIL921 Datasheet HTML 3Page - Texas Instruments TIL921 Datasheet HTML 4Page - Texas Instruments TIL921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIL920, TIL921, TIL922, TIL920A, TIL921A, TIL922A
TIL920B, TIL921B, TIL922B
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
SOOS032−D3908, FEBRUARY 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
TYPICAL CHARACTERISTICS
10
8
4
2
0
18
6
0
1
234
56
14
12
16
COLLECTOR CURRENT
vs
COLLECTOR-EMITTER VOLTAGE
20
789
10
0.01
0.004
0.001
0.1
0.4
1
4
10
40
100
NORMALIZED ON-STATE COLLECTOR
CURRENT
vs
INPUT-DIODE FORWARD CURRENT
0.1
0.04
1
0.4
10
4
100
40
VCE − Collector-Emitter Voltage − V
TA = 25°C
IF = 12 mA
IF = 10 mA
IF = 8 mA
IF = 5 mA
IF = 2 mA
IF − Input Current − mA
VCE = 5 V
Normalized to IF = 5 mA
TA = 25°C
Figure 3
Figure 4
0.9
0.8
0.6
0.5
0.4
1.3
0.7
−75
−50
−25
0
25
50
100
1.1
1.0
1.2
1.4
TA − Free-Air Temperature − °C
RELATIVE ON-STATE COLLECTOR CURRENT
vs
FREE-AIR TEMPERATURE
0.25
0.20
0.10
0.05
0
0.15
0.35
0.30
0.40
TA − Free-Air Temperature − °C
TYPICAL COLLECTOR-EMITTER SATURATION VOLTA
vs
FREE-AIR TEMPERATURE
VCE = 5 V
IF = 5 mA
75
−75
−50
−25
0
25
50
100
75
IF = 5 mA
IC = 1 mA
Figure 5
Figure 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com