Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL921 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL921
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL921 Datasheet(HTML) 1 Page - Texas Instruments

  TIL921 Datasheet HTML 1Page - Texas Instruments TIL921 Datasheet HTML 2Page - Texas Instruments TIL921 Datasheet HTML 3Page - Texas Instruments TIL921 Datasheet HTML 4Page - Texas Instruments TIL921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIL920, TIL921, TIL922, TIL920A, TIL921A, TIL922A
TIL920B, TIL921B, TIL922B
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
SOOS032−D3908, FEBRUARY 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
1992, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
• AC Signal Input
• Gallium-Arsenide Diode Infrared Source
• Source Is Optically Coupled to Silicon
N-P-N Phototransistor
• Choice of One, Two, or Four Channels
• Choice of Three Current-Transfer Ratios
• High-Voltage Electrical Isolation ... 7.5 kV
Peak (5.3 kV rms)
• Plastic Dual-In-Line Packages
• UL Listed − File No. E65085
description
These optocouplers consist of two gallium-arsenide light-emitting diodes connected in a reverse-parallel
configuration for ac-input applications and a silicon n-p-n phototransistor per channel. The TIL920 has one
channel in a 4-pin package, the TIL921 has two channels in an 8-pin package, and the TIL922 has four channels
in a 16-pin package. The standard devices, TIL920, TIL921, and TIL922, are tested for a current-transfer ratio
of 20% minimum. Devices selected for a current-transfer ratio of 50% and 100% minimum are designated with
the suffix A and B respectively.
mechanical data
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
C
L
L
C
0,51 (0.020) MIN
5,08 (0.200) MAX
1
TIL921
105
°
90
°
7,62 (0.300) T.P.
(see Note A)
6,76 (0.266)
6,25 (0.246)
0,36 (0.014)
0,20 (0.008)
0,58 (0.023)
0,43 (0.017)
1
TIL920
1
TIL922
3,81 (0.150)
3,30 (0.130)
3,81 (0.150)
2,54 (0.100)
21,1 (0.831)
18,5 (0.728)
10,2 (0.400)
9,2 (0.362)
4,80 (0.189)
4,19 (0.165)
1,27 (0.050)
1,12 (0.044)
Seating Plane
(see Note A)
2,79 (0.110)
2,29 (0.090)
NOTE A: Each pin centerline is located 0,25 (0.010) of its true longitudinal position.


Similar Part No. - TIL921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL923 TI-TIL923 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL923A TI-TIL923A Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL924 TI-TIL924 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL924A TI-TIL924A Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL925 TI-TIL925 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
More results

Similar Description - TIL921

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
Dual Channel, High Speed Optocouplers
logo
Texas Instruments
TIL917 TI-TIL917 Datasheet
119Kb / 7P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com