Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P1602AS Datasheet(PDF) 83 Page - SONiX Technology Company

Part # SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 83 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 79Page - SONiX Technology Company SN8P1602AS Datasheet HTML 80Page - SONiX Technology Company SN8P1602AS Datasheet HTML 81Page - SONiX Technology Company SN8P1602AS Datasheet HTML 82Page - SONiX Technology Company SN8P1602AS Datasheet HTML 83Page - SONiX Technology Company SN8P1602AS Datasheet HTML 84Page - SONiX Technology Company SN8P1602AS Datasheet HTML 85Page - SONiX Technology Company SN8P1602AS Datasheet HTML 86Page - SONiX Technology Company SN8P1602AS Datasheet HTML 87Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 83
Revision 1.94
CHIP DECLARATION IN ASSEMBLER
Assembler
OTP Device Part Number
MASK Device Part Number
CHIP SN8P1602
SN8P1602
SN8A1602A
CHIP SN8P1603
SN8P1603
SN8A1602A
CHIP SN8P1604
SN8P1604
SN8A1604A
PROGRAM CHECK LIST
Item
Description
Undefined Bits
All bits those are marked as “0” (undefined bits) in system registers should be set “0” to
avoid unpredicted system errors.
PWM1
Set PWM1 (P5.3) pin as output mode.
Interrupt
Do not enable interrupt before initializing RAM.
Non-Used I/O
Non-used I/O ports should be set as output low mode or pull-up at input mode to save
current consumption.
Sleep Mode
Enable on-chip pull-up resisters of port 0 and port 1 to avoid unpredicted wakeup.
Stack Buffer
Be careful of function call and interrupt service routine operation. Don’t let stack buffer
overflow or underflow.
System Initial
1.
Write 0x7F into STKP register to initial stack pointer and disable global interrupt
2.
Clear all RAM.
3.
Initialize all system register even unused registers.
Noisy Immunity
1.
Enable OSG and High_Clk / 2 code option together
2.
Enable the watchdog option to protect system crash.
3.
Non-used I/O ports should be set as output low mode
4.
Constantly refresh important system registers and variables in RAM to avoid system
crash by a high electrical fast transient noise.
5.
Enable the LVD option to improve the power on reset or brown-out reset performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com